Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4100 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4100
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4100 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4100 Datasheet HTML 4Page - Maxim Integrated Products MAX4100 Datasheet HTML 5Page - Maxim Integrated Products MAX4100 Datasheet HTML 6Page - Maxim Integrated Products MAX4100 Datasheet HTML 7Page - Maxim Integrated Products MAX4100 Datasheet HTML 8Page - Maxim Integrated Products MAX4100 Datasheet HTML 9Page - Maxim Integrated Products MAX4100 Datasheet HTML 10Page - Maxim Integrated Products MAX4100 Datasheet HTML 11Page - Maxim Integrated Products MAX4100 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
_______________Detailed Description
The MAX4100/MAX4101 are low-power, high-bandwidth
operational amplifiers optimized for driving back-termi-
nated cables in composite video, RGB, and RF systems.
The MAX4100 is unity-gain stable, and the MAX4101 is
optimized for closed-loop gains greater than or equal to
2V/V (AVCL ≥ 2V/V). While consuming only 5mA (6mA
max) supply current, both devices can drive 50
Ω back-
terminated cables to ±3.1V minimum.
The MAX4100 features a bandwidth in excess of 500MHz
and a 0.1dB gain flatness of 65MHz. It offers differential
gain and phase errors of 0.06%/0.04°, respectively. The
MAX4101 features a -3dB bandwidth of 200MHz, a 0.1dB
bandwidth of 50MHz, and 0.07%/0.04° differential gain
and phase.
Available in small 8-pin SO and µMAX packages, these
ICs are ideally suited for use in portable systems (in
RGB, broadcast, or consumer video applications) that
benefit from low power consumption.
__________Applications Information
Layout and Power-Supply Bypassing
The MAX4100/MAX4101 have an RF bandwidth and,
consequently, require careful board layout. Depending
on the size of the PC board used and the frequency of
operation, it may be desirable to use constant-imped-
ance microstrip or stripline techniques.
To realize the full AC performance of this high-speed
amplifier, pay careful attention to power-supply bypass-
ing and board layout. The PC board should have at
least two layers: a signal and power layer on one side,
and a large, low-impedance ground plane on the other
side. The ground plane should be as free of voids as
possible. With multilayer boards, locate the ground
plane on a layer that incorporates no signal or power
traces.
Regardless of whether a constant-impedance board is
used, it is best to observe the following guidelines
when designing the board. Wire-wrap boards are much
too inductive, and breadboards are much too capaci-
tive; neither should be used. IC sockets increase para-
sitic capacitance and inductance, and should not be
used. In general, surface-mount components give bet-
ter high-frequency performance than through-hole
components. They have shorter leads and lower para-
sitic reactances. Keep lines as short and as straight as
possible. Do not make 90° turns; round all corners.
High-frequency bypassing techniques must be observed
to maintain the amplifier accuracy. The bypass capaci-
tors should include a 1000pF ceramic capacitor between
each supply pin and the ground plane, located as close
to the package as possible. Next, place a 0.01µF to
0.1µF ceramic capacitor in parallel with each 1000pF
capacitor, and as close to each as possible. Then place
a 10µF to 15µF low-ESR tantalum at the point of entry (to
the PC board) of the power-supply pins. The power-sup-
ply trace should lead directly from the tantalum capacitor
to the VCC and VEE pins. To minimize parasitic induc-
tance, keep PC traces short and use surface-mount
components.
500MHz, Low-Power Op Amps
8
_______________________________________________________________________________________
MAX4100
MAX4101
VOUT = (RF / RG)VIN
VIN
VOUT
RF
RG
MAX4100
MAX4101
MAX4100
MAX4101
VOUT = [1 + (RF / RG)]VIN
VIN
VOUT
RF
RG
MAX4100
MAX4101
Figure 1b. Noninverting Gain Configuration
MAX4100
MAX4101
VOUT = VIN
VIN
VOUT
24
Ω
MAX4100
MAX4101
Figure 1c. MAX4100 Unity-Gain Buffer Configuration
Figure 1a. Inverting Gain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com