Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4100 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4100
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4100 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4100 Datasheet HTML 2Page - Maxim Integrated Products MAX4100 Datasheet HTML 3Page - Maxim Integrated Products MAX4100 Datasheet HTML 4Page - Maxim Integrated Products MAX4100 Datasheet HTML 5Page - Maxim Integrated Products MAX4100 Datasheet HTML 6Page - Maxim Integrated Products MAX4100 Datasheet HTML 7Page - Maxim Integrated Products MAX4100 Datasheet HTML 8Page - Maxim Integrated Products MAX4100 Datasheet HTML 9Page - Maxim Integrated Products MAX4100 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
500MHz, Low-Power Op Amps
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
60
10k
1M
100M
1G
MAX4100 OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
0
-20
-10
50
0
45
90
135
180
FREQUENCY (Hz)
100k
10
30
20
40
10M
GAIN
PHASE
60
10k
1M
100M
1G
MAX4101 OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
0
-20
-10
50
FREQUENCY (Hz)
100k
10
30
20
40
10M
GAIN
PHASE
0
45
90
135
180
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
0.1M
10M
100M
1G
MAX4100 CLOSED-LOOP RESPONSE
(AVCL = +1)
FREQUENCY (Hz)
1M
9
8
7
6
5
4
3
2
1
0
-1
0.1M
10M
100M
1G
MAX4101 CLOSED-LOOP RESPONSE
(AVCL = +2)
FREQUENCY (Hz)
1M
-30
-10
-90
0.1
1
100
MAX4100
HARMONIC DISTORTION vs. FREQUENCY
-70
-50
-20
0
-80
-60
-40
FREQUENCY (MHz)
10
GAIN = +5
VO = 2Vp-p
RL = 100Ω
2nd HARMONIC
3rd HARMONIC
-30
-10
-90
0.1
1
100
MAX4100
HARMONIC DISTORTION vs. FREQUENCY
-70
-50
-20
0
-80
-60
-40
FREQUENCY (MHz)
10
GAIN = +1
VO = 2Vp-p
RL = 100Ω
2nd HARMONIC
3rd HARMONIC
-30
-10
-90
0.1
1
100
MAX4100
HARMONIC DISTORTION vs. FREQUENCY
-70
-50
-20
0
-80
-60
-40
FREQUENCY (MHz)
10
GAIN = +2
VO = 2Vp-p
RL = 100Ω
2nd HARMONIC
3rd HARMONIC
-30
-10
-90
0.1
1
100
MAX4101
HARMONIC DISTORTION vs. FREQUENCY
-70
-50
-20
0
-80
-60
-40
FREQUENCY (MHz)
10
GAIN = +2
VO = 2Vp-p
RL = 100Ω
2nd HARMONIC
3rd HARMONIC
-30
-10
-90
0.1
1
100
MAX4101
HARMONIC DISTORTION vs. FREQUENCY
-70
-50
-20
0
-80
-60
-40
FREQUENCY (MHz)
10
GAIN = +5
VO = 2Vp-p
RL = 100Ω
2nd HARMONIC
3rd HARMONIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com