Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG2560 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # SCG2560
Description  Synchronous Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2560 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  SCG2560 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Data Sheet #: SG072
Page 2 of 12
Rev: P01
Date: 04/14/03
© Copyright 2003 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Operating Specifications
Table 2
Parameter
Specifications
Notes
Voltage
3.3V ±5%
1.0
Current
150 mA @ 3.46V
Input Frequency Ref 1 and Ref 2
25 MHz
2.0
Available Oscillator Output Frequencies
125 MHz
Reference Output
25 MHz
3.0
Temperature Range
0° to 70°C
Input Jitter Tolerance
≥ 1us Typical
(Jitter Frequencies > 10 Hz)
Jitter Bandwidth
30 Hz - Minimum, 75 Hz Maximum
Acquisition Time...
...from a 50ppm frequency step or switch.
20ms Max: Frequency lock within 1ppm (2%) of final value.
600ms Max: Frequency lock within 0.1ppm of final value.
1.2sec. Max: Frequency lock within 0.01ppm of final value.
...when switching between phase locked references.
300ms Max: Phase lock, no alarm.
...during start-up or locking from Free Run.
1sec. Max for Alarm off
6sec. Max: Frequency lock.
TBD : Phase lock to within 1ns of final value.
Capture/Pull-In Range
± 32 ppm Minimum
Output Duty Cycle
45/55 % Min/Max @ 50% Level
Output Rise and Fall Time
3 nS @ 20% to 80% output level
Output Load
30 pF
Alarm
LOR A, LOR B, LOL
Free Run Accuracy
±20 ppm
Package
Fr4 SM 0.78” x 0.83” x 0.350” (Maximum)
MTIE @ Synchronization Rearrangement
GR-253-CORE, 2000 R5-135
4.0, 5.0
Dynamic Offset
3 ns
6.0
Absolute Maximum Rating
Table 1
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
CC
Power Supply Voltage
-0.5
-
+4.0
Volts
V
I
Input Voltage
-0.5
-
+5.5
Volts
T
S
Storage Temperature
-65.0
-
+150.0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com