Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG2560 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG2560
Description  Synchronous Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2560 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG2560 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Data Sheet #: SG072
Page 3 of 12
Rev: P01
Date: 04/14/03
© Copyright 2003 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
NOTES:
1.0
Requires external regulation
2.0
Externally selectable via Input Select AB
3.0
Static offset will accumulate with each reference switch for the Reference Output only.
4.0
Entry into Free Run doesn’t meet requirement for initial 2.33 seconds of self-timing
5.0
If the selected reference is lost, this mask will be broken.
6.0
Phase Drift from 0° to 70°C.
7.0
Frequency will drift to lower limit rail if not switched.
8.0
Loss of both references will automatically force Free Run. Change the Force Free Run (pin 5) to 1 upon detection of this condition.
Output Jitter Specifications
Table 4
Jitter BW 10 Hz - 20 MHz
SONET Jitter BW 12 kHz - 20 MHz
Frequency (MHz)
pS (RMS)
m UI
pS (RMS)
m UI
125
10 Typ.
1.250 Typ.
1 Max.
0.125 Max.
Input and Output Characteristics
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
IH
High level input voltage
2.0
-
5.5
V
V
IL
Low level input voltage
0
-
0.8
V
T
IO
I/O to output valid
-
-
10
nS
C
OUT
Output capacitance
-
-
10
pF
V
HO
High level output voltage loh = -4mA
2.40
-
-
-
Vcc Min
V
IO
Low Level output voltage lo1 = 8mA
-
-
0.4
-
Vcc Max
T
IR
Input reference signal pulse width
10
-
-
nS
Operational Table
Table 5
INPUTS
OUTPUTS
Select
A/B
Ref A
Ref B
Force
Free Run
Oscillator
Output
Ref Out
LOL
LOR A
LOR B
X
A
A
1
FR
FR
0
1
1
XNA
A
1
FR
FR
0
0
1
XA
NA
1
FR
FR
0
1
0
X
NA
NA
0 **
FR
FR
0
0
0
0
A
A
0
RA
RA
1
1
1
0A
NA
0
RA
RA
1
1
0
0NA
A
0
U
U
0
0
1
1
A
A
0
RB
RB
1
1
1
1NA
A
0
RB
RB
1
0
1
1A
NA
0
U
U
0
1
0
Notes:
A = Active
NA = Not Active
FR = Free Run
RA = Locked to Reference A
RB = Locked to Reference B
U = Unstable (See note 7)
X = Don't Care
** See Note 8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com