Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4103ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4103ESA
Description  250MHz, Broadcast-Quality, Low-Power Video Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4103ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4103ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4103ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4103ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4103ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4103ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4103ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4103ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4103ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4103ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
250MHz, Broadcast-Quality, Low-Power
Video Op Amps
________________________________________________________________
Maxim Integrated Products
1
19-0471; Rev 0; 2/96
_______________General Description
The MAX4102/MAX4103 op amps combine high-speed
performance and ultra-low differential gain and phase
while drawing only 5mA of supply current. The
MAX4102 is compensated for unity-gain stability, while
the MAX4103 is compensated for a closed-loop gain
(AVCL) of 2V/V or greater.
The MAX4102/MAX4103 deliver a 250MHz -3dB bandwidth
(MAX4102) or a 180MHz -3dB bandwidth (MAX4103).
Differential gain and phase are an ultra-low 0.002%/0.002°
(MAX4102) and 0.008%/0.003° (MAX4103), making these
amplifiers ideal for composite video applications.
These high-speed op amps have a wide output voltage
swing of ±3.4V (RL = 100
Ω) and 80mA current-drive
capability.
________________________Applications
Broadcast and High-Definition TV Systems
Pulse/RF Amplifier
ADC/DAC Amplifier
____________________________Features
o 250MHz -3dB Bandwidth (MAX4102)
180MHz -3dB Bandwidth (MAX4103)
o Unity-Gain Stable (MAX4102)
o 350V/µs Slew Rate
o Lowest Differential Gain/Phase (RL = 150
Ω)
MAX4102: 0.002%/0.002°
MAX4103: 0.008%/0.003°
o Low Distortion (SFDR 5MHz): -78dBc
o 100dB Open-Loop Gain
o High Output Drive: 80mA
o Low Power: 5mA Supply Current
OUT
IN+
N.C.
VEE
1
2
8
7
N.C.
VCC
IN-
N.C.
MAX4102
MAX4103
SO
TOP VIEW
3
4
6
5
__________________Pin Configuration
INPUT
390
Ω
VIDEO CABLE DRIVER
75
Ω
75
Ω
390
Ω
MAX4102
MAX4103
________Typical Application Circuit
______________Ordering Information
PART
MAX4102ESA
MAX4103ESA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 SO
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX4103ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX410 MAXIM-MAX410 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100-MAX4101 MAXIM-MAX4100-MAX4101 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100ESA MAXIM-MAX4100ESA Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
More results

Similar Description - MAX4103ESA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
250MHz Video Buffer
September 1998
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
logo
Faraday Technology
AH854 FARADAY-AH854 Datasheet
46Kb / 2P
FULLY BUFFERED BROADCAST QUALITY HYBRID VIDEO FILTER
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
Rev. G
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
250MHz Video Buffer
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Hammond Manufacturing L...
560 HAMMOND-560 Datasheet
193Kb / 2P
Audio Broadcast Quality
11/18/23, 7:51 AM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com