Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4076ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4076ESA
Description  Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4076ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4076ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Micropower, SOT23, Rail-to-Rail,
Fixed-Gain, GainAmp/Open-Loop Op Amps
_______________________________________________________________________________________
9
3
-6
1k
1M
10M
100k
10k
SMALL-SIGNAL GAIN vs. FREQUENCY
-3
-5
1
-1
4
-2
-4
2
0
FREQUENCY (Hz)
3
-6
1k
1M
10M
100k
10k
LARGE-SIGNAL GAIN vs. FREQUENCY
-3
-5
1
-1
4
-2
-4
2
0
FREQUENCY (Hz)
1k
10
1
1k
10k 100k
10
100
1M
10M
VOLTAGE NOISE vs. FREQUENCY
100
FREQUENCY (Hz)
10
100
0.1
1
1k
10k 100k
10
100
1M
10M
CURRENT NOISE vs. FREQUENCY
1
FREQUENCY (Hz)
100
100k
10k
1k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
-70
-90
-50
-60
-80
-40
FREQUENCY (Hz)
AV = +1V/V
-85
-130
1k
1M
10k
100k
MAX4077
CROSSTALK vs. FREQUENCY
-115
-125
-95
-105
-80
-110
-120
-90
-100
FREQUENCY (Hz)
-65
-110
1k
1M
10k
100k
MAX4078
ALL HOSTILE CROSSTALK vs. FREQUENCY
-95
-105
-75
-85
-60
-90
-100
-70
-80
FREQUENCY (Hz)
THREE AMPLIFIERS DRIVEN,
ONE OUTPUT MEASURED.
120
-200
1
1k
10k
100k
10
100
10M
1M
GAIN AND PHASE
vs. FREQUENCY
-40
-80
-120
-160
0
40
80
270
-450
-90
-180
-270
-360
0
90
180
MAX4076-8 toc8
FREQUENCY (Hz)
PHASE
GAIN
-20
-10
-100
1
1k
10k
100k
10
100
10M
1M
COMMON-MODE REJECTION
vs. FREQUENCY
-60
-70
-80
-90
-50
-40
-30
FREQUENCY (Hz)
Typical Operating Characteristics (continued)
(VCC = +5.0V, RL = 100k
Ω to VCC/2, TA = +25°C, unless otherwise noted.)
MAX4076/MAX4077/MAX4078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com