Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4076ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4076ESA
Description  Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4076ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4076ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4076ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micropower, SOT23, Rail-to-Rail,
Fixed-Gain, GainAmp/Open-Loop Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX4076/MAX4077/MAX4078
(VCC = +2.5V to +5.5V, VEE = 0, VIN+ = VIN- = VCC/2, RL =
∞ to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VCC = +5V and TA = +25°C.) (Note 1)
ELECTRICAL CHARACTERISTICS—MAX4074/MAX4075 (continued)
(VCC = +2.5V to +5.5V, VEE = 0, VIN+ = VIN- = VCC/2, RL =
∞ to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VCC = +5V and TA = +25°C.) (Note 1)
90
80
90
-3dB Bandwidth
BW (-3dB)
120
kHz
AV = +3V/V
AV = +5V/V
AV = +10V/V
AV = +25V/V
200
AV = +1.25V/V
Input Noise Current Density
500
fA/
√Hz
Capacitive Load Stability
CLOAD
500
pF
DC Gain Accuracy
0.01
1.0
%
f = 5kHz
No sustained oscillations
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Power-Up Time
9
ms
Slew Rate
SR
100
V/ms
Settling Time (to 0.01%)
60
µs
Input Voltage Noise Density
en
150
nV/
√Hz
CONDITIONS
Output settling to 1%
VOUT = 4V step
VOUT = 4V step
f = 5kHz (Note 5)
1.2
TA = +25°C
(VEE + 25mV) < VOUT
< (VCC - 25mV),
RL = 1M
Ω (Note 6)
TA = TMIN to TMAX
Supply Current (per amplifier)
ICC
40
55
µA
VCC = 3V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Bias Current (Note 2)
IIBIAS
1200
pA
Input Offset Voltage Drift
1.5µV
µV/°C
Power-Supply Rejection Ratio
PSRR
70
95
dB
Supply Voltage Range
VCC
2.5
5.5
V
80
93
45
60
Input Offset Voltage
VOS
1.2
3.5mV
mV
Closed-Loop Output Impedance
ROUT
0.2
Ω
4.5
Output Short-Circuit Current
20
mA
80
117
Large-Signal Voltage Gain
AVOL
dB
0.25V < VOUT < (VCC - 0.3V), RL = 5k
Ω
80
95
Common-Mode Input Voltage
Range
IVR
0.25V < VOUT < (VCC - 0.3V), RL = 10k
Ω
CONDITIONS
AV = +1V/V
Shorted to VCC
Shorted to VEE
0.15
VCC -
1.2
VCC = 2.5V to 5.5V
V
Guaranteed by CMRR
Guaranteed by PSRR test
VCC = 5V
0.05V < VOUT < (VCC - 0.1V), RL = 1M
Ω
RL = 1M
Ω
Input Offset Current
IOS
±0.4
pA
Common-Mode Rejection Ratio
CMRR
70
95
dB
(VCC - 1.2V)
≥ VCM ≥ -0.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com