Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4145EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4145EEE
Description  High-Speed, Low-Distortion, Differential Line Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4145EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4145EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
________________General Description
The MAX4144/MAX4145/MAX4146 differential line
receivers offer unparalleled high-speed, low-distortion
performance. Using a three op-amp instrumentation
amplifier architecture, these ICs have fully symmetrical
differential inputs and a single-ended output. They
operate from ±5V power supplies and are capable of
driving a 150
Ω load to ±3.7V. The MAX4144 has an
internally set closed-loop gain of +2V/V. The MAX4145
is optimized for gains from +1V/V to +10V/V, while the
MAX4146 is optimized for gains from +10V/V to
+100V/V. The MAX4145/MAX4146 require a single
external resistor to set the closed-loop gain.
These amplifiers use laser-trimmed, matched thin-film
resistors to deliver a common-mode rejection (CMR) of
up to 90dB at 10MHz. Using current-feedback tech-
niques, the MAX4144 achieves a 130MHz bandwidth
and a 1000V/µs slew rate. The MAX4145 achieves a
bandwidth of 180MHz and a slew rate of 600V/µs while
operating with a closed-loop gain of +1V/V, and the
MAX4146 features a bandwidth of 70MHz and a slew
rate of 800V/µs with a gain of +10V/V. Excellent differ-
ential gain/phase and noise specifications make these
amplifiers ideal for a wide variety of video and RF
signal-processing applications.
For a complete differential transmission link, use the
MAX4144/MAX4145/MAX4146 with the MAX4147 differ-
ential line driver (see the MAX4147 data sheet for more
information).
________________________Applications
Differential to Single-Ended Conversion
Twisted-Pair to Coaxial Converter
High-Speed Instrumentation Amplifier
Data Acquisition
Medical Instrumentation
High-Speed Differential Line Receiver
____________________________Features
MAX4144:
o +2V/V Internally Fixed Gain
o 130MHz Bandwidth
o 1000V/µs Slew Rate
o 70dB CMR at 10MHz
o -90dBc SFDR (f = 10kHz)
o Low Differential Gain/Phase: 0.03%/0.03°
o 800µA Shutdown
MAX4145:
o External Gain Selection from +1V/V to +10V/V
o 180MHz Bandwidth
o 90MHz 0.1dB Gain Flatness
o 600V/µs Slew Rate
o 75dB CMR at 10MHz
o -92dBc SFDR (f = 10kHz)
o Very Low Noise: 3.8nV/
√Hz (G = +10V/V)
o 800µA Shutdown
MAX4146:
o External Gain Selection from +10V/V to +100V/V
o 70MHz Bandwidth (AV = +10V/V)
o 800V/µs Slew Rate
o 90dB CMR at 10MHz
o -82dBc SFDR (f = 10kHz)
o Very Low Noise: 3.45nV/
√Hz (G = +100V/V)
o 800µA Shutdown
High-Speed, Low-Distortion,
Differential Line Receivers
________________________________________________________________
Maxim Integrated Products
1
19-1147; Rev 1; 1/98
PART
MAX4144ESD
MAX4146ESD
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
14 SO
14 SO
EVALUATION
KIT
AVAILABLE
_______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
For small orders, phone 408-737-7600 ext. 3468.
Pin Configurations appear at end of data sheet.
Typical Application Circuit appears at end of data sheet.
MAX4145ESD
-40°C to +85°C
14 SO
MAX4144EEE
-40°C to +85°C
16 QSOP
MAX4145EEE
-40°C to +85°C
16 QSOP
MAX4146EEE
-40°C to +85°C
16 QSOP


Similar Part No. - MAX4145EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4145EEE MAXIM-MAX4145EEE Datasheet
366Kb / 16P
High-Speed, Low-Distortion, Differential Line Receivers
Rev 3; 3/09
More results

Similar Description - MAX4145EEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
High speed differential line receivers
20-Mar-2007
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
High speed differential line receivers
28-Aug-2007
logo
Maxim Integrated Produc...
MAX4144 MAXIM-MAX4144_09 Datasheet
366Kb / 16P
High-Speed, Low-Distortion, Differential Line Receivers
Rev 3; 3/09
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com