Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4145EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4145EEE
Description  High-Speed, Low-Distortion, Differential Line Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4145EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4145EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
High-Speed, Low-Distortion,
Differential Line Receivers
_______________________________________________________________________________________
7
0
-100
100k
1M
10M
100M
MAX4146
HARMONIC DISTORTION
vs. FREQUENCY (AV = +10)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2Vp-p
3RD HARMONIC
2ND HARMONIC
_____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, SHDN = 0V, RL = 150Ω, TA = +25°C, unless otherwise noted.)
0
-100
100k
1M
10M
100M
MAX4144
HARMONIC DISTORTION
vs. FREQUENCY (AV = +2)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
3RD HARMONIC
2ND HARMONIC
VOUT = 2Vp-p
0
-100
100k
1M
10M
100M
MAX4145
HARMONIC DISTORTION
vs. FREQUENCY (AV = +1)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2Vp-p
3RD HARMONIC
2ND HARMONIC
0
-100
100k
1M
10M
100M
MAX4146
HARMONIC DISTORTION
vs. FREQUENCY (AV = +100)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2Vp-p
3RD HARMONIC
2ND HARMONIC
0
-100
0
200
600
1k
MAX4144
5MHz HARMONIC DISTORTION
vs. LOAD (AV = +2)
-80
-20
LOAD (
Ω)
400
800
-40
-60
-90
-70
-10
-30
-50
2ND HARMONIC
3RD HARMONIC
VOUT = 2Vp-p
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
200
400
600
800
1k
MAX4145
5MHz HARMONIC DISTORTION
vs. LOAD (AV = +1)
LOAD (
Ω)
VOUT = 2Vp-p
3RD HARMONIC
2ND HARMONIC
0
-100
0
200
600
1k
MAX4146
5MHz HARMONIC DISTORTION
vs. LOAD (AV = +10)
-80
-20
LOAD (
Ω)
400
800
-40
-60
-90
-70
-10
-30
-50
2ND HARMONIC
3RD HARMONIC
VOUT = 2Vp-p
0
-100
0
200
600
1k
MAX4146
5MHz HARMONIC DISTORTION
vs. LOAD (AV = +100)
-80
-20
LOAD (
Ω)
400
800
-40
-60
-90
-70
-10
-30
-50
2ND HARMONIC
3RD HARMONIC
VOUT = 2Vp-p
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
0.5
1.5
1.0
2.0
2.5
3.0
3.5
MAX4144
5MHz HARMONIC DISTORTION
vs. OUTPUT SWING (AV = +2)
VOLTAGE SWING (Vp-p)
2ND HARMONIC
3RD HARMONIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com