Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4186EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4186EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4186EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4186EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX4180 family of current-feedback amplifiers
combines high-speed performance, low distortion,
and excellent video specifications with ultra-low-power
operation in miniature packages. They operate from
±2.25V to ±5.5V dual supplies, or from a single +5V
supply. They require only 1mA of supply current per amp-
lifier while delivering up to ±60mA of output current
drive. The MAX4180/MAX4182/MAX4183/MAX4186
are compensated for applications with a closed-loop
gain of +2 (6dB) or greater, and provide a -3dB band-
width of 240MHz and a 0.1dB bandwidth of 70MHz.
The MAX4181/MAX4184/MAX4185/MAX4187 are com-
pensated for applications with a +1 (0dB) or greater
gain, and provide a -3dB bandwidth of 270MHz and a
0.1dB bandwidth of 60MHz.
The MAX4180–MAX4187 feature 0.08%/0.03° differen-
tial gain and phase errors, a 20ns settling time to 0.1%,
and a 450V/µs slew rate, making them ideal for high-
performance video applications. The MAX4180/
MAX4181/MAX4183/MAX4185 have a low-power shut-
down mode that reduces power-supply current to 135µA
and places the outputs in a high-impedance state. This
feature makes them ideal for multiplexing applications.
The single MAX4180/MAX4181 are offered in space-
saving 6-pin SOT23 packages.
________________________Applications
Portable/Battery-Powered
High-Definition
Video/Multimedia Systems
Surveillance Video
Broadcast and High-Definition
Professional
TV Systems
Cameras
High-Speed A/D Buffers
Video Switching/
Multiplexing
CCD Imaging Systems
Medical Imaging
Features
o Ultra-Low Supply Current: 1mA per Amplifier
o Shutdown Mode:
Outputs Placed in High-Z
Supply Current Reduced to 135µA
o Operate from a Single +5V Supply or
Dual ±5V Supplies
o Wide Bandwidth:
270MHz -3dB Small-Signal Bandwidth
(MAX4181/84/85/87)
o 450V/µs Slew Rate
o Fast, 20ns Settling Time to 0.1%
o Excellent Video Specifications:
Gain Flatness to 70MHz (MAX4180/82/83/86)
0.08%/0.03° Differential Gain/Phase
o Low Distortion:
-73dBc SFDR (fC = 5MHz, VOUT = 2Vp-p)
o Available in Tiny Surface-Mount Packages:
6-Pin SOT23 (MAX4180/81)
10-Pin µMAX (MAX4183/85)
16-Pin QSOP (MAX4186/87)
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
________________________________________________________________
Maxim Integrated Products
1
19-1221; Rev 2; 8/98
5
VEE
IN-
IN+
1
6
VCC
SHDN
OUT
MAX4180
MAX4181
SOT23-6
SINGLE
TOP VIEW
2
3
4
Pin Configurations
Selector Guide
Pin Configurations continued at end of data sheet.
—
AAAB
SOT
TOP MARK
8 SO
6 SOT23-6
PIN-
PACKAGE
TEMP.
RANGE
-40°C to +85°C
-40°C to +85°C
MAX4180ESA
MAX4180EUT-T
PART
Ordering Information continued at end of data sheet.
Ordering Information
AV ≥ 1
No
4
MAX4187
AV ≥ 2
No
4
MAX4186
AV ≥ 1
AV ≥ 1
AV ≥ 2
AV ≥ 2
AV ≥ 1
AV ≥ 2
OPTIMIZED
FOR
Yes
No
Yes
No
Yes
Yes
SHUTDOWN
MODE
2
2
2
2
1
1
No. OF
AMPS
MAX4184
MAX4185
PART
MAX4182
MAX4183
MAX4180
MAX4181
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX4186EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX418 MAXIM-MAX418 Datasheet
581Kb / 16P
1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX418 MAXIM-MAX418 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX418 MAXIM-MAX418 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
More results

Similar Description - MAX4186EEE

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
270MHz Single Supply, Single & Dual Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com