Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4186EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4186EEE
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4186EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4186EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4186EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
2
_______________________________________________________________________________________
1
OUT
SIN
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS—Dual Supplies
(VCC = +5V, VEE = -5V, VIN+ = 0V, SHDN ≥ 3V; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) .................................................12V
Analog Input Voltage .......................(VEE - 0.3V) to (VCC + 0.3V)
Differential Input Voltage .......................................................±2V
SHDN Input Voltage ........................(VEE - 0.3V) to (VCC + 0.3V)
Short-Circuit Duration (OUT to GND, VCC or VEE).....Continuous
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 7.10mW/°C above +70°C)...........571mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
10-Pin µMAX (derate 5.60mW/°C above +70°C) ..........444mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
16-Pin QSOP (derate 8.30mW/°C above +70°C)..........667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
SHDN Logic High Threshold
VIH
VCC - 2.0
V
(Notes 3, 4)
Open-Loop Transresistance
Input Bias Current
(Negative Input)
IB-
±1
±12
µA
µA
250
800
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Bias Current
(Positive Input)
IB+
Input Offset-Voltage Matching
±1
±1
±7
k
Ω
Input Resistance
(Positive Input)
RIN+
Input Resistance
(Negative Input)
RIN-
160
Ω
Input Offset Voltage
Input Voltage Range
VCM
±3.6
±3.9
V
VOS
±1.5
±7
mV
Input Offset-Voltage Drift
TCVOS
±12
µV/°C
Common-Mode Rejection Ratio
CMRR
-50
-58
dB
TR
0.8
3.0
M
Ω
0.3
0.9
Output Voltage Swing
VSW
±3.75
±4.0
V
±3.0
±3.3
±3.0
Output Short-Circuit Current
ISC
±80
mA
Output Resistance
ROUT
0.2
Ω
Disabled Output Leakage
Current
IOUT(OFF)
±0.1
±6.0
µA
SHDN Logic Low Threshold
VIL
VCC - 3.0
V
CONDITIONS
-3.6V
≤ VCM ≤ 3.6V
MAX4182–MAX4187
RL = 1kΩ, VOUT = ±3.6V
RL = 150Ω, VOUT = ±2.5V
-3.6V
≤ VIN+ ≤ 3.6V, -1V ≤ (VIN+ - VIN-) ≤ 1V
RL = 1kΩ
RL = 150Ω
RL = 100Ω
Guaranteed by CMRR test
VCM = 0V
SHDN
≤ VIL, VOUT ≤ ±3V (Notes 2, 4)
(Notes 3, 4)
mV
Output Current
IOUT
±32
±60
mA
RL = 30Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com