Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4053EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4053EEE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4053EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4053EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
______________________________________________________________________________________
13
50%
tTRANS
V+
0V
VNO0
VOUT
VADD
0V
VNO7
90%
90%
tTRANS
50%
tTRANS
V+
0V
VNO0
VOUT
VADD
0V
VNO3
90%
90%
tTRANS
50%
tTRANS
V+
0V
VNC
VOUT
VADD
0V
VNO
90%
90%
tTRANS
V+
VOUT
VADD
VADD
V-
GND
V+
ADDB
V-
ADDC
ADDA
INH
NO0
NO1–NO6
NO7
COM
V+
V-
MAX4051/A
300
Ω
50
Ω
35pF
V+
VOUT
V-
GND
V+
ADDB
V-
ADDC
INH
NO0
NO1–NO2
NO3
COM
V+
V-
MAX4052/A
300
Ω
50
Ω
35pF
V+
VOUT
V-
GND
V+
V-
ADD
VADD
INH
NO
NC
COM
V-
V+
MAX4053/A
300
Ω
50
Ω
35pF
V- = 0V FOR SINGLE-SUPPLY OPERATION.
REPEAT TEST FOR EACH SECTION.
Figure 2. Address Transition Time
______________________________________________Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com