Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4053EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4053EEE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4053EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4053EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 17Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 18Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 19Page - Maxim Integrated Products MAX4053EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
16
______________________________________________________________________________________
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF ISOLATION IS MEASURED BETWEEN COM AND "OFF" NO TERMINAL ON EACH SWITCH.
ON LOSS IS MEASURED BETWEEN COM AND "ON" NO TERMINAL ON EACH SWITCH.
CROSSTALK (MAX4052 AND MAX4053) IS MEASURED FROM ONE CHANNEL (A, B, C) TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
V+
VOUT
VIN
V-
GND
V+
VIN
VOUT
MEAS.
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
OFF ISOLATION = 20log
ON LOSS = 20log
CROSSTALK = 20log
50
Ω
REF.
ADDB
V-
VOUT
VIN
VOUT
VIN
ADDC
CHANNEL
SELECT
ADDA
INH
NO
COM
10nF
10nF
MAX4051/A
MAX4052/A
MAX4053/A
Figure 6. Off Isolation, On Loss, and Crosstalk
V+
V-
GND
V+
ADDB
V-
ADDC
CHANNEL
SELECT
1MHz
CAPACITANCE
ANALYZER
ADDA
INH
NO
NO
COM
MAX4051/A
MAX4052/A
MAX4053/A
Figure 7. NO/COM Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com