Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4184ESA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4184ESA
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4184ESA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4184ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
16
______________________________________________________________________________________
• Do not make 90° turns; round all corners.
• Observe high-frequency bypassing techniques to
maintain the amplifiers’ accuracy. The bypass cap-
acitors should include a 0.01µF to 0.1µF ceramic
capacitor between each supply pin and the ground
plane, located as close to the package as possible.
• Place a 1µF ceramic capacitor in parallel with each
0.01µF to 0.1µF capacitor, as close to them as
possible.
• Place a 10µF to 15µF low-ESR tantalum at the point
of entry to the power-supply pins’ PC board. The
power-supply trace should lead directly from the
tantalum capacitor to the VCC and VEE pins.
• Keep PC traces short and use surface-mount com-
ponents to minimize parasitic inductance.
Maxim’s High-Speed Evaluation Board
Figures 2 and 3 show layouts of Maxim’s high-speed
single SOT23 and SO evaluation boards. These boards
were developed using the techniques described
above. The smallest available surface-mount resistors
were used for feedback and back-termination
to minimize their distance from the part, reducing the
capacitance associated with longer lead lengths.
SMA connectors were used for best high-frequency
performance. Because distances are extremely short,
performance is unaffected by the fact that inputs and
outputs do not match a 50
Ω line. However, in applica-
tions that require lead lengths greater than one-quarter
of the wavelength of the highest frequency of interest,
use constant-impedance traces.
Fully assembled evaluation boards are available for the
MAX4180ESA.
Figure 2a. SOT23 High-Speed EV Board
Component Placement Guide—
Component Side
Figure 2b. SOT23 High-Speed EV Board
Layout—Component Side
Figure 2c. High-Speed EV Board
Layout—Solder Side
Figure 3a. SO-8 High-Speed EV Board
Component Placement Guide—
Component Side
Figure 3b. SO-8 High-Speed EV Board
Layout—Component Side
Figure 3c. SO-8 High-Speed EV Board
Layout—Solder Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com