Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4184ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4184ESA
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4184ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4184ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4184ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
_______________________________________________________________________________________
7
AC ELECTRICAL CHARACTERISTICS—Single Supply (MAX4181/4184/4185/4187)
(VCC = +5V, VEE = 0V, VIN+ = 2.5V, SHDN ≥ 3V, AV = +1V/V; see Table 1 for RF values; TA = +25°C, unless otherwise noted.)
VOUT = 2Vp-p, RL = 1kΩ
RL = 1kΩ
RL = 150Ω
RL = 1kΩ
fC = 5MHz, VOUT = 2Vp-p
VOUT = 2V step, RL = 1kΩ
RL = 1kΩ
RL = 150Ω
VOUT = 2V step, RL = 1kΩ
CONDITIONS
MHz
110
BWLS
Large-Signal -3dB Bandwidth
30
<0.5dB peaking
RL = 150Ω
MHz
175
220
BWSS
Small-Signal -3dB Bandwidth
(Note 5)
170
59
RL = 1kΩ
fC = 5MHz, VOUT = 2Vp-p
RL = 150Ω
dB
55
SFDR
Spurious-Free Dynamic Range
ns
7
tR and tF
Rise/ Fall Time
MHz
16
40
BW0.1dB
Bandwidth for 0.1dB Flatness
(Note 5)
-72
dBc
-61
V/µs
210
275
SR
Slew Rate (Note 5)
ns
22
tS
Settling Time to 0.1%
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Second Harmonic Distortion
RL = 1kΩ
fC = 5MHz, VOUT = 2Vp-p
RL = 150Ω
-59
dBc
-55
Third Harmonic Distortion
RL = 1kΩ
NTSC
degrees
0.01
DP
Differential Phase Error
0.35
RL = 150Ω
VOUT = 2V step, RL = 1kΩ
Rising edge
Falling edge
170
215
AC ELECTRICAL CHARACTERISTICS—Single Supply (MAX4180/4182/4183/4186) (cont.)
(VCC = +5V, VEE = 0V, VIN+ = 2.5V, SHDN ≥ 3V, AV = +2V/V; see Table 1 for RF and RG values; TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Capacitance
(Positive Input)
CIN+
1.5
pF
Output Impedance
ZOUT
4.8
Ω
Disabled Output Capacitance
COUT(OFF)
4
pF
Turn-On Time from SHDN
tON
40
ns
Turn-Off Time to SHDN
tOFF
400
ns
Power-Up Time
200
µs
Crosstalk
-60
dB
Gain Matching to 0.1dB
25
MHz
Input Noise Voltage Density
en
2
nV/
√Hz
NTSC
Differential Gain Error
CONDITIONS
DG
f = 10kHz
0.10
%
0.03
RL= 150Ω
RL= 1kΩ
f = 10kHz
Input Noise Current Density
in
f = 10kHz
SHDN
≤ VIL, 1.2V ≤ VOUT ≤ 3.8V (Notes 2, 4)
(Note 4)
4
(Note 4)
pA/
√Hz
f = 10MHz, MAX4182/4183/4186
5
f = 10MHz, MAX4182/4183/4186
IN-
IN+
Off Isolation
-60
dB
SHDN
≤ 2V, RL = 150Ω, f = 10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com