Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4331ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4331ESA
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4331ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4331ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
8
_______________________________________________________________________________________
1
0.001
4.0
5.0
TOTAL HARMONIC DISTORTION
AND NOISE vs. PEAK-TO-PEAK
SIGNAL AMPLITUDE
0.01
0.1
PEAK-TO-PEAK SIGNAL AMPLITUDE (V)
4.6
4.8
4.2
4.4
AV = +1
1kHz SINE WAVE
500kHz LOWPASS FILTER
RL TO VCC / 2
RL = 2kΩ
RL = 10kΩ
RL = 100kΩ
80
100
90
120
110
130
140
1
10
100
1000
10000
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
10
0
0
200
600
1000
CAPACITIVE LOAD STABILITY
8
LOAD CAPACITANCE (pF)
400
800
6
4
2
UNSTABLE
REGION
RL TO VEE
VOUT = VCC / 2
LARGE-SIGNAL TRANSIENT RESPONSE
(NONINVERTING)
MAX4330/34-TOC24
TIME (5
µs/div)
IN
OUT
AV = -1
IN
OUT
SMALL-SIGNAL TRANSIENT RESPONSE
(INVERTING)
MAX4330/34-TOC23
TIME (200ns/div)
LARGE-SIGNAL TRANSIENT RESPONSE
(INVERTING)
MAX4330/34-TOC25
TIME (5
µs/div)
IN
OUT
AV = +1
IN
OUT
SMALL-SIGNAL TRANSIENT RESPONSE
(NONINVERTING)
MAX4330/34-TOC22
TIME (200ns/div)
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, VCM = VCC / 2, V SHDN > 2V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com