Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4331ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4331ESA
Description  Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4331ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4331ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4331ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
mA
Single/Dual/Quad, Low-Power, Single-Supply,
Rail-to-Rail I/O Op Amps with Shutdown
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.3V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL tied to (VCC / 2), V SHDN ≥ 2V, TA = +25°C, unless otherwise noted.)
Low (shutdown mode)
CONDITIONS
0.8
V SHDN < 0.8V
VEE < V SHDN < VCC
High (normal mode)
VCM = VOUT = VCC / 2
µA
9
14
V
2.3
6.5
VCC
Operating Supply-Voltage
Range
µA
±2
SHDN Input Current
V
2.0
VIL
SHDN Logic Threshold
(Note 1)
ICC(SHDN)
Shutdown Supply Current
per Amplifier
17
25
µA
245
290
ICC
Quiescent Supply Current
per Amplifier
275
325
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 5V
VCC = 2.3V
VCC = 5V
VCC = 2.3V
VEE < VCM < VCC
VCC = 2.3V to 6.5V
MAX433_EUA
73
76
71
72
CONDITIONS
nA
±15
IOS
Input Offset Current
MAX433_EUK/EUB
MAX4331ESA
dB
71
PSRR
Power-Supply Rejection Ratio
MAX4332ESA/
MAX4333ESD
MAX4334ESD
±1
±3.2
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
±3.8
VCM =
VEE to VCC
mV
±0.7
VOS
Input Offset Voltage
VEE < VCM < VCC
nA
±115
IB
Input Bias Current
VIH
mV
70
150
mA
20
ISC
Output Short-Circuit Current
RL = 2kΩ
100
175
8
30
RL = 100kΩ
8
30
VOUT
Output Voltage Swing
dB
83
95
VCC = 5V
93
120
78
90
93
112
AVOL
Large-Signal Voltage Gain
VOUT = 0.2V to 2.1V, RL = 100kΩ
VCC = 2.3V
VOUT = 0.35V to 1.95V, RL = 2kΩ
VOUT = 0.2V to 4.8V, RL = 100kΩ
VOUT = 0.35V to 4.65V, RL = 2kΩ
VCC - VOH
VOL
VCC - VOH
VOL
±1
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.3V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL tied to (VCC / 2), V SHDN ≥ 2V, TA = -40°C to +85°C, unless
otherwise noted.)
MAX433_EUA
MAX4332ESA/MAX4333ESD
MAX4331ESA
MAX433_EUK/EUB
µV/°C
±3
∆VOS/∆T
Offset-Voltage Tempco
MAX4334ESD
-0.15
VCC +
0.15
VCM
Common-Mode Input
Voltage Range
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com