Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S011CI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS853S011CI
Description  Maximum output frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S011CI Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS853S011CI Datasheet HTML 1Page - Integrated Device Technology ICS853S011CI Datasheet HTML 2Page - Integrated Device Technology ICS853S011CI Datasheet HTML 3Page - Integrated Device Technology ICS853S011CI Datasheet HTML 4Page - Integrated Device Technology ICS853S011CI Datasheet HTML 5Page - Integrated Device Technology ICS853S011CI Datasheet HTML 6Page - Integrated Device Technology ICS853S011CI Datasheet HTML 7Page - Integrated Device Technology ICS853S011CI Datasheet HTML 8Page - Integrated Device Technology ICS853S011CI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS853S011CGI REVISION A JULY 16, 2013
2
©2013 Integrated Device Technology, Inc.
ICS853S011CI Data Sheet
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
Q0, nQ0
Output
Differential output pair. LVPECL/ECL interface levels.
3, 4
Q1, nQ1
Output
Differential output pair. LVPECL/ECL interface levels.
5VEE
Power
Negative supply pin.
6nPCLK
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. When left floating, defaults to 2/3 VCC.
7
PCLK
Input
Pulldown
Non-inverting differential LVPECL clock input.
8VCC
Power
Positive supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RPULLDOWN
Input Pulldown Resistor
75
k
RPULLUP
Pullup Resistors
37
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com