Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S011CI Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS853S011CI
Description  Maximum output frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S011CI Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS853S011CI Datasheet HTML 9Page - Integrated Device Technology ICS853S011CI Datasheet HTML 10Page - Integrated Device Technology ICS853S011CI Datasheet HTML 11Page - Integrated Device Technology ICS853S011CI Datasheet HTML 12Page - Integrated Device Technology ICS853S011CI Datasheet HTML 13Page - Integrated Device Technology ICS853S011CI Datasheet HTML 14Page - Integrated Device Technology ICS853S011CI Datasheet HTML 15Page - Integrated Device Technology ICS853S011CI Datasheet HTML 16Page - Integrated Device Technology ICS853S011CI Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ICS853S011CGI REVISION A JULY 16, 2013
13
©2013 Integrated Device Technology, Inc.
ICS853S011CI Data Sheet
LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS853S011CI.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS853S011CI is the sum of the core power plus the power dissipation due to loading.
The following is the power dissipation for VCC = 3.8V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipation due to loading.
•
Power (core)MAX = VCC_MAX * IEE_MAX = 3.8V * 24mA = 91.2mW
•
Power (outputs)MAX = 31.22mW/Loaded Output pair
If all outputs are loaded, the total power is 2 * 31.22mW = 62.44mW
Total Power_MAX (3.8V, with all outputs switching) = 91.2mW + 62.44mW = 153.64mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad, and directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 145.4°C/W per Table 5A below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.154W * 145.4°C/W = 107.4°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 5A. Thermal Resistance
JA for 8 Lead TSSOP, Forced Convection
Table 5B. Thermal Resistance
JA for 8 Lead SOIC, Forced Convection
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
145.4°C/W
141.3°C/W
139.3°C/W
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
102.0°C/W
95.0°C/W
90.6°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com