Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT312D Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT312D
Description  The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT312D Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT312D Datasheet HTML 9Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 10Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 11Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 12Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 13Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 14Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 15Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 16Page - Future Technology Devices International Ltd. FT312D Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Copyright © 2013 Future Technology Devices International Limited
13
DS_FT312D USB ANDROID HOST IC Datasheet
Version 1.1
Document No.: FT_000816 Clearance No.: FTDI# 331
7 Absolute Maximum Ratings
The absolute maximum ratings for FT312D are shown in Table 7.1. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Floor Life (Out of Bag) At Factory Ambient
( 30°C / 60% Relative Humidity)
168 Hours
(IPC/JEDEC J-STD-033A MSL Level 3
Compliant)*
Hours
Ambient Temperature (Power Applied)
-40°C to 85°C
Degrees
C.
Vcc Supply Voltage
0 to +3.63
V
VCCIO
0 to +3.63
V
AVCC
0 to + 1.98
V
DC Input Voltage - USBDP and USBDM
-0.5 to +(Vcc +0.5)
V
DC Input Voltage - High Impedance
Bidirectional
-0.5 to +5.00
V
DC Input Voltage - All other Inputs
-0.5 to +(Vcc +0.5)
V
DC Output Current - Outputs
4
mA
DC Output Current - Low Impedance
Bidirectional
4
mA
Table 7.1 Absolute Maximum Ratings
*
If devices are stored out of the packaging beyond this time limit the devices should be baked
before use. The devices should be ramped up to a temperature of 125°C and baked for up to 17
hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com