Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4471ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4471ESA
Description  Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4471ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4471ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Single/Dual/Quad, +1.8V/750nA, SC70,
Rail-to-Rail Op Amps
_______________________________________________________________________________________
3
Note 1: All devices are production tested at TA = +25°C. All temperature limits are guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = 0, VCM = 0, VOUT = VDD/2, RL =
∞ to VDD/2, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4470/MAX4471/MAX4472
2
Slew Rate
SR
VOUT =
4V step
MAX4464/MAX4474
20
V/ms
f = 1kHz
150
Input Voltage Noise
en
f = 10kHz
120
nV/
√Hz
Shorted to VSS (sourcing)
11
Output Short-Circuit
Current
Shorted to VDD (sinking)
36
mA
Power-On Time
tON
2µs
Power-Off Time
tOFF
2
µs
Capacitive Load
CLOAD
No sustained oscillations
250
pF
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0, VCM = 0, VOUT = VDD/2, RL =
∞ to VDD/2, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR tests
1.8
5.5
V
Supply Current (Per
Amplifier)
IDD
VDD = +5.0V
1.5
µA
Input Offset Voltage
VOS
±15
mV
Input Offset Voltage
Temperature Coefficient
TCVOS
8
µV/
°C
Input Bias Current
IB
4.25
nA
Input Common-Mode
Voltage Range
VCM
Guaranteed by the CMRR test
VSS
VDD -
1.1
V
Common-Mode Rejection
Ratio
CMRR
VSS
≤ VCM ≤ (VDD - 1.1V)
56
dB
+1.8V
≤ VDD ≤ +5.5V, 0oC ≤ TA ≤ +85oC65
Power-Supply Rejection
Ratio
PSRR
+2V
≤ VDD ≤ +5.5V, -40oC ≤ TA ≤ +85oC65
dB
VOUT = 50mV to VDD - 50mV, RL = 1M
Ω
75
Large-Signal Voltage Gain
AVOL
VOUT = 200mV to VDD - 200mV, RL = 100k
Ω
75
dB
RL = 1M
Ω
5
VOH
Swing high specified
as VDD - VOH
RL = 100k
Ω
15
RL = 1M
Ω
5
Output Voltage Swing
VOL
Swing low specified as
VOL - VSS
RL = 100k
Ω
5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com