Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4471ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4471ESA
Description  Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4471ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4471ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
500
µs/div
MAX4470/MAX4471/MAX4472
SMALL-SIGNAL STEP RESPONSE
INPUT
50mV/div
OUTPUT
50mV/div
MAX4470 toc21
VDD = +5V
AV = +1V/V
RL = 1M
Ω
CL = 250pF
500
µs/div
MAX4470/MAX4471/MAX4472
SMALL-SIGNAL STEP RESPONSE
INPUT
50mV/div
OUTPUT
50mV/div
MAX4470 toc22
VDD = +5V
AV = +1V/V
RL = 1M
Ω
CL = 1000pF
500
µs/div
MAX4470/MAX4471/MAX4472
LARGE-SIGNAL STEP RESPONSE
VDD = +5V
AV = +1V/V
RL = 1M
Ω
CL = 12pF
INPUT
500mV/div
OUTPUT
500mV/div
MAX4470 toc23
500
µs/div
MAX4470/MAX4471/MAX4472
LARGE-SIGNAL STEP RESPONSE
INPUT
500mV/div
OUTPUT
500mV/div
MAX4470 toc24
VDD = +5V
AV = +1V/V
RL = 1M
Ω
CL = 1000pF
0
5
20
10
15
25
30
0
100
50
150
200
250
300
MAX4470/MAX4471/MAX4472
PERCENT OVERSHOOT vs. CAPACITIVE LOAD
CLOAD (pF)
RL = 10k
Ω
RL = 100k
Ω
RL = 1M
Ω
3
-7
100
1k
10k
MAX4470/MAX4471/MAX4472
SMALL-SIGNAL GAIN vs. FREQUENCY
-5
-6
FREQUENCY (Hz)
-3
-4
-1
0
-2
1
2
RL = 10k
Ω
VOUT = 100mVp-p
CL = 12pF
AV = 1
3
-7
100
1k
100k
10k
MAX4470/MAX4471/MAX4472
SMALL-SIGNAL GAIN vs. FREQUENCY
-5
-6
FREQUENCY (Hz)
-3
-4
-1
0
-2
1
2
AV = 1
RL = 100k
Ω
VOUT = 100mVp-p
CL = 12pF
Single/Dual/Quad, +1.8V/750nA, SC70,
Rail-to-Rail Op Amps
6
_______________________________________________________________________________________
0
12
8
4
16
20
24
28
32
36
40
02
13
4
5
IOUT vs. VOUT
VOUT (V)
ISINK
ISOURCE
500
µs/div
MAX4470/MAX4471/MAX4472
SMALL-SIGNAL STEP RESPONSE
VDD = +5V
AV = +1V/V
RL = 1M
Ω
CL = 12pF
INPUT
500mV/div
OUTPUT
500mV/div
MAX4470 toc20
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0, VCM = 0, RL = 100k
Ω to VDD/2, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com