Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4487ASD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4487ASD
Description  Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4487ASD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4487ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 9Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply
7MHz, Rail-to-Rail Op Amps
6
_______________________________________________________________________________________
Detailed Description
Rail-to-Rail Output Stage
The MAX4484/MAX4486/MAX4487 can drive a 2k
Ω
load and still swing within 50mV of the supply rails.
Figure 1 shows the output swing of the MAX4484 con-
figured with AV = +1V/V.
Driving Capacitive Loads
Driving a capacitive load can cause instability in many
op amps, especially those with low quiescent current.
The MAX4484/MAX4486/MAX4487 are unity-gain stable
for a range of capacitive loads up to 100pF. Figure 2
shows the response of the MAX4484 with an excessive
capacitive load. Adding a series resistor between the
output and the load capacitor (Figure 3) improves the
circuit’s response by isolating the load capacitance
from the op amp’s output.
Applications Information
Power Supplies and Layout
The MAX4484/MAX4486/MAX4487 operates from a sin-
gle +2.7V to +5.5V power supply. Bypass the power
supply with 0.1µF capacitor to ground.
Good layout techniques optimize performance by
decreasing the amount of stray capacitance at the op
amp’s inputs and outputs. To decrease stray capaci-
tance, minimize trace lengths by placing external com-
ponents close to the op amp’s pins. Use surface-mount
components for best results.
Pin Description
PIN
MAX4484
MAX4486
MAX4487
NAME
FUNCTION
3
——
IN-
Inverting Amplifier Input
1
——
IN+
Noninverting Amplifier Input
4
——
OUT
Amplifier Output
—
2
2
INA-
Inverting Amplifier Input (Channel A)
—
3
3
INA+
Noninverting Amplifier Input (Channel A)
—
1
1
OUTA
Amplifier Output (Channel A)
—
6
6
INB-
Inverting Amplifier Input (Channel B)
—
5
5
INB+
Noninverting Amplifier Input (Channel B)
—
7
7
OUTB
Amplifier Output (Channel B)
——
9
INC-
Inverting Amplifier Input (Channel C)
——
10
INC+
Noninverting Amplifier Input (Channel C)
——
8
OUTC
Amplifier Output (Channel C)
——
13
IND-
Inverting Amplifier Input (Channel D)
——
12
IND+
Noninverting Amplifier Input (Channel D)
——
14
OUTD
Amplifier Output (Channel D)
2
4
11
VSS
Negative Power-Supply Voltage
584
VDD
Positive Power-Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com