Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4487ASD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4487ASD
Description  Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4487ASD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4487ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 9Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 10Page - Maxim Integrated Products MAX4487ASD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply
7MHz, Rail-to-Rail Op Amps
_______________________________________________________________________________________
7
1
µs/div
IN
50mV/div
OUT
Figure 2. Small-Signal Transient Response with Excessive
Capacitive Load (CL = 270pF)
Figure 1. Rail-to-Rail Output Operation
Chip Information
TRANSISTOR COUNT: MAX4484: 101
MAX4486: 202
MAX4487: 404
RISO
CL
MAX4484
MAX4486
MAX4487
Figure 3. Capacitive-Load-Driving Circuit
400
µs/div
1V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com