Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS574 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS574
Description  Zero input-to-output delay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS574 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS574 Datasheet HTML 1Page - Integrated Device Technology ICS574 Datasheet HTML 2Page - Integrated Device Technology ICS574 Datasheet HTML 3Page - Integrated Device Technology ICS574 Datasheet HTML 4Page - Integrated Device Technology ICS574 Datasheet HTML 5Page - Integrated Device Technology ICS574 Datasheet HTML 6Page - Integrated Device Technology ICS574 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ICS574
ZERO DELAY, LOW SKEW BUFFER
ZDB
IDT™/ ICS™ ZERO DELAY, LOW SKEW BUFFER
4
ICS574
REV G 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature -40 to +85
° C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature -40 to +85
° C
Notes:
1. Stresses beyond those listed in Absolute Maximum Ratings can permanently damage the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximum Ratings may affect device reliability.
2. With CLKIN = 160 MHz, FBIN to CLK4.
Using Spread Spectrum Input Clocks
The ICS574 uses IDT’s Spread Smart technology, allowing it to accurately track (pass through) any clocks that
implement spread spectrum techniques.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Supply Voltage
VDD
3
5.5
V
Input High Voltage
VIH
VDD/2+1
V
Input Low Voltage
VIL
VDD/2-1
V
Output High Voltage, CMOS
level
VOH
IOH = -5 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -18 mA
2.4
V
Output Low Voltage
VOL
IOL = 18 mA
0.4
V
IDD Operating Supply Current
No load (Note 2)
36
mA
Short Circuit Current
IOS
Each output
±65
mA
Input Capacitance
CIN
7pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, clock
fIN
FBIN from CLK4
20
160
MHz
Output Frequency, clock
FBIN from CLK4
20
160
MHz
Output Clock Rise Time
0.8 to 2.0 V, 15 pF load
1.5
ns
Output Clock Fall Time
2.0 to 0.8 V, 15 pF load
1.5
ns
Output Clock Duty Cycle, 3.3 V
At 1.4 V
40
50
60
%
Device-to-device Skew, equally
loaded
Rising edges at VDD/2
700
ps
Outpu-to-output Skew, equally
loaded
Rising edges at VDD/2
150
ps
Maximum Absolute Jitter
170
ps
Cycle-to-cycle Jitter, 15 pF loads
66.67 MHz outputs
250
ps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com