Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS574 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS574
Description  Zero input-to-output delay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS574 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS574 Datasheet HTML 1Page - Integrated Device Technology ICS574 Datasheet HTML 2Page - Integrated Device Technology ICS574 Datasheet HTML 3Page - Integrated Device Technology ICS574 Datasheet HTML 4Page - Integrated Device Technology ICS574 Datasheet HTML 5Page - Integrated Device Technology ICS574 Datasheet HTML 6Page - Integrated Device Technology ICS574 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
ZERO DELAY, LOW SKEW BUFFER
ICS574
IDT™/ ICS™ ZERO DELAY, LOW SKEW BUFFER
1
ICS574
REV G 051310
Description
The ICS574 is a low jitter, low-skew, high performance
PLL-based zero delay buffer for high speed applications.
Based on IDT’s proprietary low jitter Phase Locked Loop
(PLL) techniques, the device provides four low skew
outputs at speeds up to 160 MHz at 3.3 V. When one of the
outputs is connected directly to FBIN, the rising edge of
each output is aligned with the rising edge of the input
clock. External delay elements connected in the feedback
loops will cause the outputs to occur before the inputs by
the amount of propagation delay of the external element.
Features
Packaged in 8 pin narrow SOIC, Pb (lead) free
Zero input-to-output delay
Four 1X outputs
Output to output skew is less than 150 ps
Output clocks up to 160 MHz at 3.3 V
External feedback path for output edge placement
Spread Smart™ technology works with spread spectrum
clock generators
Full CMOS outputs with 18 mA output drive capability at
TTL levels at 3.3 V
Advanced, low power, sub-micron CMOS process
Operating voltage from 3.0 to 5.5 V
Industrial temperature version available
Block Diagram
PLL
FBIN
CLKIN
CLK1
CLK2
CLK3
CLK4


Similar Part No. - ICS574

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
ICS574M ICST-ICS574M Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Integrated Circuit Syst...
ICS574MT ICST-ICS574MT Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
More results

Similar Description - ICS574

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W232 CYPRESS-W232 Datasheet
139Kb / 5P
Ten Output Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
20-output, 200-MHz Zero Delay Buffer
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
3.3V, 8-OUTPUT ZERO DELAY BUFFER
XRK39653_0611 EXAR-XRK39653_0611 Datasheet
218Kb / 9P
3.3V, 8-OUTPUT ZERO DELAY BUFFER
logo
Cypress Semiconductor
W232 CYPRESS-W232_02 Datasheet
106Kb / 6P
Ten Output Zero Delay Buffer
Z9952 CYPRESS-Z9952 Datasheet
54Kb / 9P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Cypress Semiconductor
W232-09XT CYPRESS-W232-09XT Datasheet
326Kb / 6P
Ten Output Zero Delay Buffer
logo
Integrated Device Techn...
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
logo
Renesas Technology Corp
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com