Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4530EAP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4530EAP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530EAP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4530EAP Datasheet HTML 5Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 6Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 7Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 8Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 9Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 10Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 11Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 12Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
__________Applications Information
Power-Supply Considerations
Overview
The MAX4530/MAX4531/MAX4532 construction is typi-
cal of most CMOS analog switches. They have three
supply pins: V+, V-, and GND. V+ and V- drive the
internal CMOS switches and set the limits of the analog
voltage on any switch. Reverse ESD-protection diodes
are internally connected between each analog-signal
pin and both V+ and V-. One of these diodes conducts
if any analog signal exceeds V+ or V-. During normal
operation, these and other reverse-biased ESD diodes
leak, forming the only current drawn from V+ or V-.
Virtually all of the analog leakage current comes from
the ESD diodes. Although the ESD diodes on a given
signal pin are identical and therefore fairly well bal-
anced, they are reverse biased differently. Each is
biased by either V+ or V- and the analog signal. This
means their leakages vary as the signal varies. The
difference in the two diode leakages to the V+ and V-
pins constitutes the analog-signal-path leakage current.
All analog leakage current flows between each pin and
one of the supply terminals, not to the other switch ter-
minal. For this reason, both sides of a given switch can
show leakage currents of either the same or opposite
polarity.
The analog-signal paths and GND are not connected.
V+ and GND power the internal logic and logic-level
translators, and set both the input and output logic lim-
its. The logic-level translators convert the logic levels
into switched V+ and V- signals to drive the analog sig-
nals’ gates. This drive signal is the only connection
between the logic supplies and signals and the analog
supplies. V+ and V- have ESD-protection diodes to
GND.
The logic-level thresholds are TTL/CMOS compatible
when V+ = +5V. As V+ rises, the threshold increases
slightly, so when V+ reaches +12V, the threshold is
about 3.1V—above the TTL guaranteed, high-level min-
imum of 2.8V, but still compatible with CMOS outputs.
Bipolar Supplies
The MAX4530/MAX4531/MAX4532 operate with bipolar
supplies between ±2.0V and ±6V. The V+ and V- sup-
plies need not be symmetrical, but their sum cannot
exceed the +13V absolute maximum rating.
Single Supply
The MAX4530/MAX4531/MAX4532 operate from a sin-
gle supply between +2V and +12V when V- is connect-
ed to GND. All of the bipolar precautions must be
observed. At room temperature, they actually work with
a single supply at, near, or below +1.7V, although as
supply voltage decreases, switch on-resistance and
switching times become very high.
High-Frequency Performance
In 50
Ωsystems, signal response is reasonably flat up to
50MHz (see
Typical Operating Characteristics). Above
20MHz, the on response has several minor peaks that
are highly layout dependent. The problem is not in turn-
ing the switch on, but in turning it off. The off-state
switch acts like a capacitor and passes higher frequen-
cies with less attenuation. At 10MHz, off isolation is
about -65dB in 50
Ωsystems, becoming worse (approxi-
mately 20dB per decade) as frequency increases.
Higher circuit impedances also make off isolation
worse. Adjacent channel attenuation is about 3dB
above that of a bare IC socket, and is due entirely to
capacitive coupling.
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
_______________________________________________________________________________________
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com