Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4530EAP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4530EAP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530EAP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4530EAP Datasheet HTML 1Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 2Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 3Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 4Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 5Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 6Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 7Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 8Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CONDITIONS
MAX4531
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, V- = 0V, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless
otherwise noted.)
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless
otherwise noted.)
6
9
pF
3
CNO(OFF)
NO-Off Capacitance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = +25°C
CONDITIONS
MAX4532
MAX4531
f = 1MHz, VEN = VCOM = 0V
0.025
Distortion, THD
TA = +25°C
MAX4530
f = 1MHz,
VEN2 = VCOM = 0V
pF
15
CCOM(OFF)
COM-Off Capacitance
TA = +25°C
f = 1MHz
pF
3
CIN
Logic Input
Capacitance
TA = +25°C
MAX4532
MAX4531
MAX4530
f = 1MHz,
VEN1 = VCOM = 0V,
VEN2 = 2.4V
pF
26
CCOM(ON)
COM-On Capacitance
TA = +25°C
17
20
MAX4531/
MAX4532
nA
MAX4531/
MAX4532
-50
50
TA = TMIN to TMAX
MAX4530
nA
-50
50
-2
2
TA = TMIN to TMAX
MAX4530
VCOM = 4.5V, 1V;
VNO = 1V, 4.5V;
V+ = 5.5V
ICOM(ON)
CONDITIONS
-2
2
ICOM(OFF)
COM-Off Leakage
Current (Note 8)
TA = +25°C
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
Ω
80
150
RON
On-Resistance
TA = +25°C
(Note 3)
V
0V+
VCOM, VNO
Analog Signal Range
TA = TMIN to TMAX
200
COM-On Leakage
Current (Note 8)
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
Ω
TA = +25°C
∆RON
On-Resistance
Matching Between
Channels (Notes 3, 4)
20
-1
1
TA = TMIN to TMAX
-100
100
INO = 1mA; VCOM = 3V, 2V, 1V;
V+ = 5V
Ω
10
RFLAT
On-Resistance Flatness
TA = +25°C
TA = +25°C
-1
1
TA = TMIN to TMAX
-100
100
VNO = 4.5V; VCOM = 4.5V, 1V;
V+ = 5.5V
nA
-1
1
INO(OFF)
NO-Off Leakage
Current (Note 8)
TA = +25°C
TA = TMIN to TMAX
-10
10
215
TA = +25°C
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = +25°C
TA = TMIN to TMAX
SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com