Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4674EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4674EEE
Description  3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4674EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4674EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX4674 is a low-voltage CMOS analog switch con-
taining four 2:1 multiplexers/demultiplexer. When pow-
ered from a single +5V supply, it features a low 4
Ω max
on-resistance (RON), 0.4
Ω max RON matching between
channels, and 0.8
Ω RON flatness over the entire signal
range. Off-leakage current is only 0.5nA max at +25
°C.
The MAX4674 features fast turn-on (tON) and turn-off
(tOFF) times of 18ns and 6ns, respectively, and is avail-
able in QFN, QSOP, TSSOP, and SO packages.
This low-voltage multiplexer operates with a +1.8V to
+5.5V single supply. All digital inputs have +0.8V and
+2.4V logic thresholds, ensuring TTL/CMOS-logic com-
patibility with +5V operation.
________________________Applications
10/100 Base-T
ATM Switching
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
Relay Replacement
Features
o Guaranteed On-Resistance
4
Ω max (+5V Supply)
6
Ω max (+3V Supply)
o Guaranteed Match Between Channels
0.4
Ω max
o Guaranteed Flatness Over Signal Range
0.8
Ω max
o 1.8V Operation
RON = 100
Ω typ Over Temperature
tON = 51ns typ
tOFF = 13ns typ
o Guaranteed Low Leakage Currents
0.5nA max at +25°C
o Single-Supply Operation from +1.8V to +5.5V
o Rail-to-Rail® Signal Handling
o TTL/CMOS-Logic Compatible
o Crosstalk: -114dB (1MHz)
o Off-Isolation: -67dB (1MHz)
o 4mm ✕ 4mm QFN Package
3V/5V, 4
Ω, Wideband Quad
2:1 Analog Multiplexer
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
NC1
A0
V+
EN
NC4
NO4
COM4
NC3
NO3
COM3
GND
QFN
COM2
NO2
NC2
COM1
NO1
1
2
4
5
67
910
11
13
14
15
16
17
19
20
AO
N.C.
18
V+
N.C.
EN
NC4
NO4
COM4
12
NC3
NO3
COM3
N.C.
N.C.
8
GND
QFN
COM2
NO2
NC2
NO1
3
COM1
NC1
CONTROL LOGIC
CONTROL LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A0
V+
EN
NC4
NO4
COM4
NC3
NO3
COM3
TOP VIEW
MAX4674
MAX4674
MAX4674
QSOP/TSSOP/SO
NC1
NO1
NO2
COM1
NC2
COM2
GND
CONTROL LOGIC
EN
1
0
0
A0
X
0
1
ON SWITCH
NONE
COM1-NC1
COM2-NC2
COM3-NC3
COM4-NC4
COM1-NO1
COM2-NO2
COM3-NO3
COM4-NO4
Pin Configuration/Functional Diagram/Truth Table
19-1708; Rev 2; 5/02
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX4674EEE
-40°C to +85°C
16 QSOP
MAX4674EUE
-40°C to +85°C
16 TSSOP
MAX4674ESE
-40°C to +85°C
16 Narrow SO
MAX4674EGE
-40°C to +85°C
16 QFN
MAX4674EGP
-40°C to +85°C
20 QFN
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4674EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4674EEE MAXIM-MAX4674EEE Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results

Similar Description - MAX4674EEE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
QUAD 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157 Datasheet
59Kb / 4P
QUAD 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V Datasheet
79Kb / 5P
5V/3.3V 2:1 MULTIPLEXER
logo
National Semiconductor ...
DM54LS453 NSC-DM54LS453 Datasheet
61Kb / 3P
QUAD 4:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_06 Datasheet
674Kb / 10P
Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Maxim Integrated Produc...
MAX4674 MAXIM-MAX4674_V01 Datasheet
601Kb / 13P
3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
19-1708; Rev 3; 12/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com