Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4674EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4674EEE
Description  3V/5V, 4?? Wideband Quad 2:1 Analog Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4674EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4674EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4674EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3V/5V, 4
Ω, Wideband Quad
2:1 Analog Multiplexer
6
_______________________________________________________________________________________
Detailed Description
The MAX4674 is a low on-resistance (RON), low-volt-
age, quad 2:1 analog multiplexer/demultiplexer that
operates from a +1.8V to +5.5V single supply. The
MAX4674 features very fast switching speed (tON =
18ns max, tOFF = 6ns max) and guaranteed break-
before-make switching. Its low RON allows high continu-
ous currents to be switched in a variety of applications.
Digital Interface
A0 and EN are CMOS digital inputs that meet TTL logic
levels when V+ = 5V. Note that A0 and EN can exceed
the voltage at V+ to a maximum of +5.5V. This feature
allows operation of the MAX4674 from a +3.3V supply
while controlling it with 5V CMOS logic signals.
The Pin Configuration/Functional Diagram/Truth Table
located on the first page of this data sheet details the
operation of the MAX4674.
Applications Information
Power-Supply Considerations
Overview
The MAX4674 construction is typical of most CMOS
analog switches. It has two supply pins, V+ and GND,
used to drive the internal CMOS switches and set the
limits of the analog voltage on any switches. Reverse
ESD-protection diodes are internally connected
between each analog-signal pin and both V+ and
GND. If any analog signal exceeds V+ and GND, one
of these diodes conducts. During normal operation,
these and other reverse-biased ESD diodes leak, form-
ing the only current drawn from VCC or GND.
Virtually all the analog leakage current comes from the
ESD diodes. Although the ESD diodes on a given sig-
nal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by
either V+ or GND and the analog signal. This means
their leakages will vary as the signal varies. The differ-
ence in the two-diode leakages to the V+ and GND
pins constitutes the analog-signal-path leakage current.
All analog leakage current flows between each pin and
one of the supply terminals, not to the other switch ter-
minal, which is why both sides of a given switch can
show leakage currents of either the same or opposite
polarity.
V+ and GND power the internal logic and set the input
logic limits. Logic inputs have ESD-protection diodes to
ground.
The logic-level thresholds are TTL/CMOS compatible
when V+ is +5V. As V+ rises, the threshold increases;
as V+ falls, the threshold decreases. For example,
Pin Description
PIN
QSOP/TSSOP/SO
20 QFN
16 QFN
NAME
FUNCTION
1
20
15
A0
Address Input
2
1
16
NC1
Normally Closed Terminal
3
2
1
NO1
Normally Open Terminal
4
3
2
COM1
Analog Switch Common Terminal
5
4
3
NC2
Normally Closed Terminal
6
5
4
NO2
Normally Open Terminal
7
6
5
COM2
Analog Switch Common Terminal
—
7, 9, 17, 19
—
N.C.
No Connection
8
8
6
GND
Ground
9
10
7
COM3
Analog Switch Common Terminal
10
11
8
NO3
Normally Open Terminal
11
12
9
NC3
Normally Closed Terminal
12
13
10
COM4
Analog Switch Common Terminal
13
14
11
NO4
Normally Open Terminal
14
15
12
NC4
Normally Closed Terminal
15
16
13
EN
Output Enable, Active Low
16
18
14
V+
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com