Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV542 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV542 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPV542 Datasheet HTML 5Page - Texas Instruments LPV542 Datasheet HTML 6Page - Texas Instruments LPV542 Datasheet HTML 7Page - Texas Instruments LPV542 Datasheet HTML 8Page - Texas Instruments LPV542 Datasheet HTML 9Page - Texas Instruments LPV542 Datasheet HTML 10Page - Texas Instruments LPV542 Datasheet HTML 11Page - Texas Instruments LPV542 Datasheet HTML 12Page - Texas Instruments LPV542 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Output Referred to V- (mV)
-40°C
25°C
125°C
SNK
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Output Referred to V+ (mV)
-40°C
25°C
125°C
SRC
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Output Referred to V+ (mV)
-40°C
25°C
125°C
SRC
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Output Referred to V- (mV)
-40°C
25°C
125°C
SNK
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Output Referred to V- (mV)
-40°C
25°C
125°C
SNK
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Output Referred to V+ (mV)
-40°C
25°C
125°C
SRC
LPV542
www.ti.com
SNOSCX9 – MARCH 2015
Typical Characteristics (continued)
TA = 25 °C, VS = 5 V, VOUT = VCM = VS/2, RLOAD = 1 MΩ connected to VS/2, and CL = 20 pF, unless otherwise noted.
VS = 1.8 V
VS = 1.8 V
Figure 7. Output Sinking Current vs
Figure 8. Output Sourcing Current vs
Output Swing at 1.8 V
Output Swing at 1.8 V
VS = 2.7 V
VS = 2.7 V
Figure 9. Output Sinking Current vs
Figure 10. Output Sourcing Current vs
Output Swing at 2.7 V
Output Swing at 2.7 V
VS = 3.3 V
VS = 3.3 V
Figure 11. Output Sinking Current vs
Figure 12. Output Sourcing Current vs
Output Swing at 3.3 V
Output Swing at 3.3 V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LPV542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com