Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV542 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LPV542
Description  LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV542 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LPV542 Datasheet HTML 12Page - Texas Instruments LPV542 Datasheet HTML 13Page - Texas Instruments LPV542 Datasheet HTML 14Page - Texas Instruments LPV542 Datasheet HTML 15Page - Texas Instruments LPV542 Datasheet HTML 16Page - Texas Instruments LPV542 Datasheet HTML 17Page - Texas Instruments LPV542 Datasheet HTML 18Page - Texas Instruments LPV542 Datasheet HTML 19Page - Texas Instruments LPV542 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
10 M:
-
+
VOUT
10 M:
10 M:
VIN
10 M:
10 M:
270 pF
270 pF
270 pF
CR2032 Coin Cell
225 mAh = 5 circuits @ 9.5 yrs.
60 Hz Twin T Notch Filter
AV = 2 V/V
10 M:
270 pF
VBATT
VBATT = 3V o2V @ end of life
Remote Sensor
Signal
+
60 Hz
To ADC
Signal × 2
(No 60 Hz)
LPV542
SNOSCX9 – MARCH 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LPV542 is a ultra-low power operational amplifier that provides 8 kHz bandwidth with only 490nA quiescent
current, and near precision offset and drift specifications at a low cost. These rail-to-rail input and output
amplifiers are specifically designed for battery-powered applications. The input common-mode voltage range
extends to the power-supply rails and the output swings to within millivolts of the rails, maintaining a wide
dynamic range.
8.2 Typical Application: 60 Hz Twin "T" Notch Filter
Figure 39. 60 Hz Notch Filter
8.2.1 Design Requirements
Small signals from transducers in remote and distributed sensing applications commonly suffer strong 60 Hz
interference from AC power lines. The circuit of Figure 39 notches out the 60 Hz and provides a gain AV = 2 for
the sensor signal represented by a 1 kHz sine wave. Similar stages may be cascaded to remove 2nd and 3rd
harmonics of 60 Hz. Thanks to the nA power consumption of the LPV542, even 5 such circuits can run for 9.5
years from a small CR2032 lithium cell. These batteries have a nominal voltage of 3 V and an end of life voltage
of 2 V. With an operating voltage from 1.6 V to 5.5 V the LPV542 can function over this voltage range.
8.2.2 Detailed Design Procedure
The notch frequency is set by:
F0 = 1 / 2πRC.
(2)
To achieve a 60 Hz notch use R = 10 M
Ω and C = 270 pF. If eliminating 50 Hz noise, which is common in
European systems, use R = 11.8 M
Ω and C = 270 pF.
The Twin T Notch Filter works by having two separate paths from VIN to the amplifier’s input. A low frequency
path through the series input resistors and another separate high frequency path through the series input
capacitors. However, at frequencies around the notch frequency, the two paths have opposing phase angles and
the two signals will tend to cancel at the amplifier’s input.
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LPV542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com