Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX488ECSA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX488ECSA
Description  짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX488ECSA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX488ECSA Datasheet HTML 8Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 9Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 10Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 11Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 12Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 13Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 14Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 15Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
___________________________________________Ordering Information (continued)
___________________Chip Information
8 SO
-40°C to +85°C
MAX488EESA
8 Plastic DIP
-40°C to +85°C
MAX488EEPA
8 SO
0°C to +70°C
MAX488ECSA
8 Plastic DIP
0°C to +70°C
MAX488ECPA
8 SO
-40°C to +85°C
MAX487EESA
8 Plastic DIP
-40°C to +85°C
MAX487EEPA
8 SO
0°C to +70°C
MAX487ECSA
8 Plastic DIP
0°C to +70°C
MAX487ECPA
8 SO
-40°C to +85°C
MAX485EESA
8 Plastic DIP
-40°C to +85°C
MAX485EEPA
8 SO
0°C to +70°C
MAX485ECSA
8 Plastic DIP
0°C to +70°C
MAX485ECPA
8 SO
-40°C to +85°C
MAX483EESA
8 Plastic DIP
-40°C to +85°C
MAX483EEPA
PIN-PACKAGE
TEMP. RANGE
PART
8 SO
0°C to +70°C
MAX483ECSA
8 Plastic DIP
0°C to +70°C
MAX483ECPA
8 SO
-40°C to +85°C
MAX1487EESA
8 Plastic DIP
-40°C to +85°C
MAX1487EEPA
8 SO
0°C to +70°C
MAX1487ECSA
8 Plastic DIP
0°C to +70°C
MAX1487ECPA
14 SO
-40°C to +85°C
MAX491EESD
14 SO
0°C to +70°C
MAX491ECSD
14 Plastic DIP
0°C to +70°C
MAX491ECPD
14 Plastic DIP
-40°C to +85°C
MAX491EEPD
8 SO
-40°C to +85°C
MAX490EESA
8 Plastic DIP
-40°C to +85°C
MAX490EEPA
8 SO
0°C to +70°C
MAX490ECSA
8 Plastic DIP
0°C to +70°C
MAX490ECPA
14 SO
-40°C to +85°C
MAX489EESD
14 SO
0°C to +70°C
MAX489ECSD
14 Plastic DIP
0°C to +70°C
MAX489ECPD
14 Plastic DIP
-40°C to +85°C
MAX489EEPD
PIN-PACKAGE
TEMP. RANGE
PART
TRANSISTOR COUNT: 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com