Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX488ECSA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX488ECSA
Description  짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX488ECSA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX488ECSA Datasheet HTML 2Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 3Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 4Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 5Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 6Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 7Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 8Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 9Page - Maxim Integrated Products MAX488ECSA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
1.5
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
-60
-20
60
DRIVER DIFFERENTIAL OUTPUT
VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
R = 54
Ω
0
20
40
60
80
100
120
140
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
02468
10
12
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-8
-2
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
6
4
2
-6
-4
0
0
100
200
300
400
500
600
-60
-20
60
MAX481E/MAX485E/MAX490E/MAX491E
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
MAX481E/MAX485E; DE = VCC, RE = X
MAX485E; DE = 0, RE = X,
MAX481E; DE = RE = 0
MAX490E/MAX491E; DE = RE = X
MAX481E; DE = 0, RE = VCC
0
100
200
300
400
500
600
-60
-20
60
MAX483E/MAX487E–MAX489E
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
MAX483E; DE = VCC, RE = X
MAX487E; DE = VCC, RE = X
MAX483E/MAX487E; DE = 0, RE = VCC
MAX483E/MAX487E; DE = RE = 0,
MAX488E/MAX489E; DE = RE = X
0
100
200
300
400
500
600
-60
-20
60
MAX1487E
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
20
100
-40
40
080
MAX1487E; DE = VCC, RE = X
MAX1487E; DE = 0V, RE = X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com