Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5003C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5003C/D
Description  High-Voltage PWM Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5003C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5003C/D Datasheet HTML 8Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 9Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 10Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 11Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 12Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 13Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 14Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 15Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
3) The main factors influencing the choice of the turns
ratio are the switch breakdown voltage and the duty
cycle. With a smaller turns ratio, the secondary
reflected voltage and the maximum voltage seen by
the switch during flyback are reduced, which is
favorable. On the other hand, a smaller turns ratio
will shorten the duty cycle and increase the primary
RMS current, which can impact efficiency. A good
starting figure is the ratio of the input voltage to the
output voltage, rounding to the nearest integer. To
keep the flyback voltage under control, choose an 8-
to-1 ratio for the 48V to 5V system. The maximum
duty cycle allowed without putting the device in con-
tinuous-conduction mode can be found using the fol-
lowing formula:
where:
N = NP/NS = Turns ratio
VSEC = Secondary voltage
DCMAX = Maximum duty cycle
VMIN = Minimum power-line voltage
For a 48V to 5V system with an 8-to-1 turns ratio, the
maximum duty cycle before putting the device in
discontinuous mode is 55%. Assume that VIN min is
36V (minimum input voltage, neglecting drops in the
power switch and in the resistance of the primary
coil) and VSEC is 5.4V (5V plus a Schottky diode
drop). The MAX5003 maximum duty cycle is internal-
ly limited to 75%. Generally this parameter must fall
between 45% to 65% to obtain a balance between
efficiency and flyback voltage while staying out of
continuous conduction. If the value exceeds these
bounds, adjust the turns ratio.
4) Assuming 80% efficiency, a 6.25W input is needed
to produce a 5W output. Set an operating duty cycle
around 12% below the maximum duty cycle to allow
for component variation: 55% - 12% = 43%. Use the
following formula to calculate the primary inductance:
L
DC V
PWR
V
W
kHz
H
PRI
MIN
IN
SW
= ()
ƒ
=
()
≅µ
⋅
⋅⋅
⋅
⋅⋅
22
2
043 36
2 6 25
300
65
.
.
DC
V
VN
MAX
MIN
SEC
=


+
⋅
1
1
High-Voltage PWM
Power-Supply Controller
12
______________________________________________________________________________________
10
µF
0.1
µF C
F
390pF
0.1
µF
0.1
µF
0V
470nF
RF
200k
RCS
0.1
Ω
51k
62k
V+
INDIV
ES
FREQ
SS
REF
CON
COMP
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
VDD
VCC
NDRV
PGND
CS
AGND
CMSD4448
XFACOILTRCTX03
MBRS130L
8
2
5
7
9, 10
11, 12
IRFD620S
MAXTON
FB
39k
1M
33
µF
0.1
µF
100
Ω
+5V
1A
+48V
(36V TO 72V)
VIN
RA
41.2k
RB
17.4k
22
µF
4.7
µF
LP
65
µH
22
µF
MAX5003
Figure 2. Application Example 1: Nonisolated +48V to +5V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com