Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5003C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5003C/D
Description  High-Voltage PWM Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5003C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5003C/D Datasheet HTML 3Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 4Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 5Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 6Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 7Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 8Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 9Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 10Page - Maxim Integrated Products MAX5003C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
High-Voltage PWM
Power-Supply Controller
_______________________________________________________________________________________
7
Pin Description (continued)
NAME
FUNCTION
PIN
13
PGND
Power Ground. Connect to AGND.
12
CS
Current Sense with Blanking. Turns power switch off if VCS rises above 100mV (referenced to PGND).
Connect a 100
Ω resistor between CS and the current-sense resistor (Figure 2). Connect CS to PGND if
not used.
11
AGND
Analog Ground. Connect to PGND close to the IC.
14
NDRV
Gate Drive for External N-Channel Power FET
15
VCC
Output Driver Power-Rail Decoupling Point. Connect a capacitor to PGND with half the value used for
VDD bypass very close to the pin. If synchronizing several controllers, power the fan-out buffer driving the
FREQ pins from this pin.
16
VDD
9.75V Internal Linear-Regulator Output. Drive VDD to a voltage higher than 10.75V to bootstrap the chip
supply. VDD is also the supply voltage rail for the chip. Bypass to AGND with a 5µF to 10µF capacitor.
Detailed Description
The MAX5003 is a PWM controller designed for use as
the control and regulation core of voltage-mode control
flyback converters or forward-voltage power convert-
ers. It provides the power-supply designer with maxi-
mum flexibility and ease of use. The device is specified
up to 110V and will operate from as low as 11V. Its
maximum operating frequency of 300kHz permits the
use of miniature magnetic components to minimize
board space. The range, polarity, and range of output
voltages and power are limited only by design and by
the external components used.
This device works in isolated and nonisolated configu-
rations, and in applications with single or multiple out-
put voltages. All the building blocks of a PWM
voltage-mode controller are present in the MAX5003
and its settings are adjustable. The functional diagram
is shown on Figure 1.
Modern Voltage-Mode Controllers
The MAX5003 offers a voltage-mode control topology
and adds features such as fast input voltage feed for-
ward, programmable maximum duty cycle, and high
operating frequencies. It has all the advantages of cur-
rent-mode control—good control loop bandwidth,
same-cycle response to input voltage changes, and
pulse-by-pulse current limiting. It eliminates disadvan-
tages such as the need for ramp compensation, noise
sensitivity, and the analytical and design difficulties of
dealing with two nested feedback loops. In summary,
voltage-mode control has inherent superior noise
immunity and uses simpler compensation schemes.
Internal Power Regulators
The MAX5003’s power stages operate over a wide
range of supply voltages while maintaining low power
consumption. For the high end of the range (+36V to
+110V), power is fed to the V+ pin into a depletion
junction FET preregulator. This input must be decou-
pled with a 0.1µF capacitor to the power ground pin
(PGND). To decouple the power line, other large-value
capacitors must be placed next to the power trans-
former connection.
The preregulator drops the input voltage to a level low
enough to feed a first low-dropout regulator (LDO)
(Figure 1). The input to the LDO is brought out at the ES
pin. ES must also be decoupled with a 0.1µF capacitor.
In applications where the maximum input voltage is
below 36V, connect ES and V+ together and decouple
with a 0.1µF capacitor.
The first LDO generates the power for the VDD line. The
VDD line is available at the VDD pin for decoupling. The
bypass to AGND must be a 5µF to 10µF capacitor.
When the maximum input voltage is always below
18.75V, power may also be supplied at VDD; in this
case, connect V+, ES, and VDD together.
Forcing voltages at VDD above 10.75V (see Electrical
Characteristics) disables the first LDO, typically reduc-
ing current consumption below 50µA (see Typical
Operating Characteristics).
Following the VDD LDO is another regulator that drives
VCC: the power bus for the internal logic, analog cir-
cuitry, and external power MOSFET driver. This regula-
tor is needed because the VDD voltage level would be
too high for the external N-channel MOSFET gate. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com