Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

98014 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 98014
Description  LED Light Engine, 3.0??Round Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

98014 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  98014 Datasheet HTML 1Page - List of Unclassifed Manufacturers 98014 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 2
SSL Solutions Faster Than The Speed Of Light®
CIE Chromaticity Coordinates:
Tc (°C)
65mA/LED
Relative Luminous Flux / Tc Temperature
0
20
40
60
80
100
120
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Compatible TRP Drivers:
The drivers listed here are all compatible with this module.
Choose the best driver for your application.
• BLED12W-036-C0350
• LED12W-24-C0350
Maximum Run Lengths
The max number of boards wired in a chain
(series) is limited by the
max current rating of the first board wired to the driver. The sum of the
board currents, in the chain, funnels through the first board. Multiple
chains can connect directly to the power supply in parallel. See table
for max chain length.
Product
Series/Parallel
Max Allowable Boards
High Current (Nom)
Low Current
3” Round
Series
10
N/A
Mounting Notes
The LED assembly is supplied with mounting holes, per the dimensional
drawing. It is important to mount the board in such a way as to maintain
the Tc point below the max. The steady state thermals in application
will dictate if the board needs to be mounted directly to metallic housing
and/or include a thermal pad. For example fully enclosed recessed
fixture will require better thermal mounting than an open air pendant.
Thermal Application Notes
This board requires additional heat sinking to run above 45ºC
ambient at nominal specifications. Heat sink is also required when
operated above specified drive currents.
Maximum Current
Max Current: 720mA
Voltage at max current: 20V, Power at max current: 14.4W
The total maximum current reflects the LED maximum forward current
only, without considering thermal needs. Driving the LEDs this hard will
likely violate their thermal limits, depending on the application.
Tc point
must remain at or below the max temperature, or the warranty will
be voided. Temperature is directly correlated to LED current.
Static Sensitive Device
Handle only at static-safe work stations.
Packaging
50 per box standard.
3” Round Std. DC
LED Light Engine Module
Step Dimming:
This Light Engine can be step-dimmed, with a recommended
TRP dimmable driver and SD series step-dimming module.
See the SD2 or SD3 data sheet for wiring information.
Constant
Current
Driver
Constant
Current
Driver
Parallel
Series
Series/Parallel Configurations
Parallel: The positive and negative of one board is connected
to the respective positive and negative of the next.
Current adds, so the supply must be 2x the current
for 2 boards.
Series: The negative of one board is connected to the
positive of the next. Voltage adds, so the supply
must be 2x the voltage for 2 boards.
X
Y
0.3783
0.3836
0.3909
0.3906
0.3746
0.3687
0.3864
0.3757
4000K
3 Step Macadams Ellipse
X
Y
0.4045
0.3975
0.4189
0.4044
0.3989
0.3819
0.412
0.3875
3500K
3 Step Macadams Ellipse
X
Y
0.4325
0.4101
0.4452
0.4146
0.4244
0.3923
0.4362
0.3965
3000K
3 Step Macadams Ellipse
X
Y
0.4576
0.4183
0.4698
0.4212
0.4478
0.3999
0.4591
0.4025
2700K
3 Step Macadams Ellipse
X
Y
0.3408
0.3461
0.3485
0.3520
0.3416
0.3585
0.3499
0.3644
5000K
3 Step Macadams Ellipse



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com