Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

98014 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 98014
Description  LED Light Engine, 3.0??Round Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

98014 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  98014 Datasheet HTML 1Page - List of Unclassifed Manufacturers 98014 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
DC IN
Red (+) 12” #22AWG
Blue (-) 12” #22AWG
LED 7
LED 13
LED 1
LED 8
LED 14
LED 19
LED 3
LED 2
LED 9
LED 15
LED 21
LED 20
LED 4
LED 5
LED 10
LED 16
LED 22
LED 6
LED 11
LED 17
LED 12
LED 18
LED 24
LED 23
2.83 [71.88]
0.50
[12.7]
0.15
[3.81]
R 0.07
[1.78]
0.23 [5.84]
Ø 3.00 [76.2]
Drawing N0900-0163-R02
Tc
IN [mm]
Height:
0.062 [1.58] FR-4 PCB
0.020 [0.5] LEDs
0.082 [2.08] TOTAL
Ø 2.7 [68.58] B.C.
For Cutouts
LED Light Engine, 3.0” Round Module
Constant-Current DC Array, 6 LED Series x 4 Parallel Strings
Engineered by Norlux
24 Nichia LEDs
5 yr. Warranty
3.0 Inch Round DC LED Module @ 350mA
Model
Number
Total Board
Power (W)
Total
Current (mA)
Color
Temp (K)
Lumens
(± 15%)
Board
LPW
98013
6.3
350
2700
769
123
98014
6.3
350
3000
820
131
98015
6.3
350
3500
860
137
98016
6.3
350
4000
883
141
98031
6.3
350
5000
910
144
Dimensions:
Specifications
Driver Type:
Constant-Current
Drive Current:
350mA Nominal
Nom. Forward Voltage:
17.9V
Total Board Power:
6.3W Nominal
Life:
50,000 Hrs, 70% lumen maint.
@ Ta max 40ºC, used as specified
Max Junction Temp:
90°C
Max Test Point Temp:
80°C
Operating Temp:
-40ºC to +60ºC Ambient
Storage Temp:
-40ºC to +80ºC
Viewing Angle (FWHM):
120° Lambertian distribution
CRI:
83 typical
MADE IN USA
Of Imported And Domestic Components
• Designed for easy use in standard luminaires
• Tight LED pitch eliminates pixelization, no complex lens or optics required
• Color: ¼ ANSI Binning, 3 Step MacAdam Ellipse
• Suggested Applications: Commercial or Residential Downlights
• Customizable: Engines can be modified to your application. Contact us.
Rev 5-14-15
For Poke-In Connectors, use
#24-18 AWG stranded or solid wire
Connectivity Options
Suffix
Connection
(blank)
12 IN, #22 AWG Stranded Leads
-01
No Leads
-02
Push-in Connectors


Similar Part No. - 98014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9801 ETC2-9801 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
9801 ETC2-9801 Datasheet
4Mb / 5P
0 to 300 V, low distortion AC power source with models delivering a maximum of 1500 VA, 12 Arms / 48 Apeak
logo
B&K Precision Corporati...
9801 BK-9801 Datasheet
2Mb / 5P
Programmable AC Power Sources
logo
Festo Corporation.
9801 FESTO-9801 Datasheet
88Kb / 1P
Quick exhaust valve
4/11/22
logo
Heyco.
9801 HEYCO-9801 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
More results

Similar Description - 98014

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
LED light engine.
W786 LUMINIS-W786 Datasheet
866Kb / 3P
LED light engine.
logo
List of Unclassifed Man...
98000 ETC2-98000 Datasheet
596Kb / 2P
LED Light Engine, 11??Linear Module
98006 ETC2-98006 Datasheet
683Kb / 2P
LED Light Engine, 10.2??Fingerboard Module
98017 ETC2-98017 Datasheet
605Kb / 2P
LED Light Engine, 3.7??Round Module
98021 ETC2-98021 Datasheet
604Kb / 2P
LED Light Engine, 4.7??Round Module
98025 ETC2-98025 Datasheet
638Kb / 2P
LED Light Engine, 7??Canopy Module
98026 ETC2-98026 Datasheet
615Kb / 2P
LED Light Engine, 23??Linear Module
98034 ETC2-98034 Datasheet
655Kb / 2P
LED Light Engine, 2.5??Rectangle Module
98039 ETC2-98039 Datasheet
777Kb / 2P
LED Light Engine, 9.1??Round Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com