Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509BEWP Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX509BEWP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509BEWP Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX509BEWP Datasheet HTML 11Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 12Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 13Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 14Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 15Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 16Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 17Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 18Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
______________________________________________________________________________________
15
Unipolar-Output, 2-Quadrant Multiplication
In unipolar operation, the output voltages and the refer-
ence input(s) are the same polarity. Figures 11 and 12
show the MAX509/MAX510 unipolar configurations.
Both devices can be operated from a single supply if
the reference inputs are positive. If dual supplies are
used, the reference input can vary from VSS to VDD.
Table 2 shows the unipolar code.
Bipolar-Output, 2-Quadrant Multiplication
Bipolar-output, 2-quadrant multiplication is achieved by
offsetting AGND positively or negatively. Table 3 shows
the bipolar code.
AGND can be biased above DGND to provide an arbi-
trary nonzero output voltage for a 0 input code, as
shown in Figure 13. The output voltage at OUTA is:
VOUTA = VBIAS + (NB/256)(VIN),
Figure 9. Suggested MAX509 PC Board Layout for Minimizing
Crosstalk (Bottom View)
OUTC
OUTD
VDD
REFC
REFD
OUTB
OUTA
VSS
REFB
REFA
SYSTEM GND
AGND
Figure 10. Suggested MAX510 PC Board Layout for Minimizing
Crosstalk (Bottom View)
OUTC
OUTD
VDD
REFCD
OUTB
OUTA
VSS
REFAB
SYSTEM GND
AGND
DAC CONTENTS
MSB
LSB
ANALOG
OUTPUT
1 1 1 1
1 1 1 1
255
+VREF (––––)
256
1 0 0 0
0 0 0 1
129
+VREF (––––)
256
1 0 0 0
0 0 0 0
128
VREF
+VREF (––––) = + ––––
256
2
0 1 1 1
1 1 1 1
127
+VREF (––––)
256
0 0 0 0
0 0 0 0
0V
0 0 0 0
0 0 0 1
1
+VREF (––––)
256
Table 2. Unipolar Code Table
1
Note: 1LSB = (VREF) (2-8) = +VREF (––––)
256
Table 3. Bipolar Code Table
1 0 0 0
DAC CONTENTS
0 0 0 1
MSB
LSB
ANALOG
OUTPUT
1 1 1 1
1 1 1 1
127
+VREF (––––)
128
1
+VREF (––––)
128
1 0 0 0
0 0 0 0
0V
0 1 1 1
1 1 1 1
1
-VREF (––––)
128
0 0 0 0
0 0 0 0
128
-VREF (––––) = -VREF
128
0 0 0 0
0 0 0 1
127
-VREF (––––)
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com