Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509BEWP Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX509BEWP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509BEWP Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX509BEWP Datasheet HTML 12Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 13Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 14Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 15Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 16Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 17Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 18Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 19Page - Maxim Integrated Products MAX509BEWP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
______________________________________________________________________________________
17
Figure 14. MAX509 AGND Bias Circuit (Negative Offset)
DAC A
DAC B
DAC C
DAC D
MAX509
OUTA
OUTB
OUTC
OUTD
SERIAL
INTERFACE
NOT SHOWN
REFERENCE INPUTS
2
1
20
19
VDD
+5V
16
517
4
18
3
-5V
8
VSS
AGND
DGND
6
0.1
µF
0.1
µF
MAX873
+5V
0.1
µF
R1
330k
0.1%
+5V
+2.5V
0.1
µF
0.1
µF
-5V
6
8
7
2
3
1
R2
330k
0.1%
ICL7611A
4-Quadrant Multiplication
Each DAC output may be configured for 4-quadrant
multiplication using Figure 16 and 17's circuit. One op
amp and two resistors are required per channel. With
R1 = R2:
VOUT = VREF [2(NB/256)-1]
where NB represents the digital word in DAC register A.
The recommended value for resistors R1 and R2 is
330k
Ω (±0.1%). Table 3 shows the digital code vs. out-
put voltage for Figure 16 and 17's circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com