Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5270 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5270
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5270 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5270 Datasheet HTML 5Page - Maxim Integrated Products MAX5270 Datasheet HTML 6Page - Maxim Integrated Products MAX5270 Datasheet HTML 7Page - Maxim Integrated Products MAX5270 Datasheet HTML 8Page - Maxim Integrated Products MAX5270 Datasheet HTML 9Page - Maxim Integrated Products MAX5270 Datasheet HTML 10Page - Maxim Integrated Products MAX5270 Datasheet HTML 11Page - Maxim Integrated Products MAX5270 Datasheet HTML 12Page - Maxim Integrated Products MAX5270 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
_______________________________________________________________________________________
9
_______________Detailed Description
Analog Section
The MAX5270 contains eight 13-bit voltage-output
DACs. These DACs are “inverted” R-2R ladder net-
works that convert 13-bit digital inputs into equivalent
analog output voltages, in proportion to the applied ref-
erence voltages (Figure 1). The MAX5270 has three
positive reference inputs (REF_ _ _ _+) and three nega-
tive reference inputs (REF_ _ _ _-). The difference from
REF_ _ _ _+ to REF_ _ _ _- , multiplied by 2, sets the
DAC output span.
In addition to the differential reference inputs, the
MAX5270 has four analog-ground input pins (DUT-
GND_ _). When CLR is high (unasserted), the voltage
on DUTGND_ _ offsets the DAC output voltage range. If
CLR is asserted, the output amplifier is forced to the
voltage present on DUTGND_ _.
Reference and DUTGND Inputs
All of the MAX5270’s reference inputs are buffered with
precision amplifiers. This allows the flexibility of using
resistive dividers to set the reference voltages. Because
of the relatively high multiplying bandwidth of the refer-
ence input (188kHz), any signal present on the refer-
ence pin within this bandwidth is replicated on the DAC
output.
The DUTGND pins of the MAX5270 are connected to
the negative source resistor (nominally 84k
Ω) of the
output amplifier. The DUTGND pins are typically con-
nected directly to analog ground. Each of these pins
has an input current that varies with the DAC digital
code. If the DUTGND pins are driven by external cir-
cuitry, budget ±200µA per DAC for load current.
Output Buffer Amplifiers
The MAX5270’s voltage outputs are internally buffered
by precision gain-of-two amplifiers with a typical slew
rate of 1V/µs. With a full-scale transition at its output,
the typical settling time to ±1/2LSB is 22µs. This settling
time does not significantly vary with capacitive loads
less than 10,000pF.
Output Deglitching Circuit
The MAX5270’s internal connection from the DAC lad-
der to the output amplifier contains special deglitch cir-
cuitry. This glitch/deglitch circuitry is enabled on the
falling edge of LD to remove the glitch from the R-2R
DAC. This enables the MAX5270 to exhibit a fraction of
the glitch impulse energy of parts without the deglitch-
ing circuit.
REF-
REF+
2R
2R
2R
2R
2R
OUT
DUTGND
2R
CLR
RR
D0
D11
D12
Figure 1. DAC Simplified Circuit
CS
WR
A0–A2
D0–D12
LD
NOTES:
(NOTE 3)
1. ALL INPUT RISE AND FALL TIMES MEASURED FROM 10% TO 90% OF
+5V. tr = tf = 5ns.
2. MEASUREMENT REFERENCE LEVEL IS (VINH + VINL) / 2.
3. IF LD IS ACTIVATED WHILE WR IS LOW, THEN LD MUST STAY LOW
FOR t3 OR LONGER AFTER WR GOES HIGH.
t1
t2
t8
t9
t6
t7
t4
t5
t3
t3
Figure 2. Digital Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com