Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX531ACPD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX531ACPD
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX531ACPD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX531ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 12Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Internal Reference (MAX531 only)
The on-chip reference is lesser trimmed to generate 2.048V
at REFOUT. The output stage can source and sink current,
so REFOUT can settle to the correct voltage quickly in
response to code-dependent loading changes. Typically,
source current is 5mA and sink current is 100µA.
REFOUT connects the internal reference to the R-2R DAC
ladder at REFIN. The R-2R ladder draws 50µA maximum
load current. If any other connection is made to REFOUT,
ensure that the total load current is less than 100µA to
avoid gain errors.
For applications requiring very low-noise performance,
connect a 33µF capacitor from REFOUT to AGND. If noise
is not a concern, a lower value capacitor (3.3µF min) may
be used. To reduce noise further, insert a buffered RC filter
between REFOUT and REFIN (Figure 2). The reference
bypass capacitor, CREFOUT, is still required for reference
stability. In applications not requiring the reference, con-
nect REFOUT to VDD or use the MAX538 or MAX539 (no
internal reference).
External Reference
An external reference in the range (VSS + 2V) to (VDD - 2V)
may be used with the MAX531 in dual-supply operation.
With the MAX538/MAX539 or the MAX531 in single-supply
use, the reference must be positive and may not exceed
VDD - 2V. The reference voltage determines the DAC’s full-
scale output. The DAC input resistance is code dependent
and is minimum (40k
Ω) at code 555 hex and virtually infi-
nite at code 000 hex. REFIN’s input capacitance is also
code dependent and has a 50pF maximum value at sever-
al codes. Because of the code-dependent nature of refer-
ence input impedances, a high-quality, low-output-imped-
ance amplifier (such as the MAX480 low-power, precision
op amp) should be used.
If an upgrade to the internal reference is required, the 2.5V
MAX873A is suitable: ±15mV initial accuracy, TCVOUT =
7ppm/°C (max).
Logic Interface
The MAX531/MAX538/MAX539 logic inputs are designed to
be compatible with TTL or CMOS logic levels. However, to
achieve the lowest power dissipation, drive the digital inputs
with rail-to-rail CMOS logic. With TTL logic levels, the power
requirement increases by a factor of approximately 2.
Serial Clock and Update Rate
Figure 1 shows the MAX531/MAX538/MAX539 timing. The
maximum serial clock rate is given by 1 / (tCH + tCL),
approximately 14MHz. The digital update rate is limited by
the chip-select period, which is 16 x (tCH + tCL) + tCSW.
This equals a 1.14µs, or 877kHz, update rate. However, the
DAC settling time to 12 bits is 25µs, which may limit the
update rate to 40kHz for full-scale step transitions.
____________Applications Information
Refer to Figures 3a and 3b for typical operating connec-
tions.
Serial Interface
The MAX531/MAX538/MAX539 use a three-wire serial
interface that is compatible with SPI™, QSPI™
(CPOL = CPHA = 0), and Microwire™ standards as shown
in Figures 4 and 5. The DAC is programmed by writing two
8-bit words (see Figure 1 and the
Functional Diagram).
Sixteen bits of serial data are clocked into the DAC MSB
first with the MSB preceded by four fill (dummy) bits. The
four dummy bits are not normally needed. They are
required only when DACs are daisy-chained. Data is
clocked in on SCLK’s rising edge while CS is low. The seri-
al input data is held in a 16-bit serial shift register. On CS’s
rising edge, the 12 least significant bits are transferred to
the DAC register and update the DAC. With CS high, data
cannot be clocked into the MAX531/MAX538/MAX539.
The MAX531/MAX538/MAX539 input data in 16-bit blocks.
The SPI and Microwire interfaces output data in 8-bit
blocks, thereby requiring two write cycles to input data to
the DAC. The QSPI interface allows variable data input
from eight to 16 bits, and can be loaded into the DAC in
one write cycle.
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
_______________________________________________________________________________________
9
300
50
1
10
100
100
FREQUENCY (kHz)
150
200
250
0
0.1
1000
TOTAL
REFERENCE
NOISE
RS
REFOUT
CREFOUT
CS
TEK 7A22
CREFOUT = 3.3µF
CREFOUT = 47µF
SINGLE-POLE ROLLOFF
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Figure 2. Reference Noise vs. Frequency
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com