Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX531ACPD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX531ACPD
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX531ACPD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX531ACPD Datasheet HTML 2Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 3Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
6
_______________________________________________________________________________________
120
-60
SUPPLY CURRENT vs.
TEMPERATURE
140
TEMPERATURE (
°C)
60
240
180
-20
20
80
300
-40
0
40
100
280
260
220
200
160
MAX538/MAX539
MAX531
4
-14
1
100
100k
MAX531
GAIN vs. FREQUENCY
-12
FREQUENCY (Hz)
-8
-4
0
2
-2
-6
-10
1k
10k
REFIN = 4Vp-p
80
0
10
1k
100k
MAX531
AMPLIFIER SIGNAL-TO-NOISE RATIO
10
FREQUENCY (Hz)
20
40
60
30
50
70
10k
100
REFIN = 4Vp-p
2.055
2.045
-60
MAX531
REFERENCE VOLTAGE vs.
TEMPERATURE
TEMPERATURE (
°C)
60
2.050
-20
20
80 100
40
0
-40
-110
0
1
10
1k
100k
ANALOG FEEDTHROUGH vs.
FREQUENCY
-30
-70
FREQUENCY (Hz)
100
10k
1M
-100
-90
-80
-60
-50
-40
-20
-10
CODE = 000 hex
2
8
VDD-5
VDD-1
OUTPUT SOURCE CAPABILITY vs.
OUTPUT PULL-UP VOLTAGE
7
3
OUTPUT PULL-UP VOLTAGE (V)
VDD-2
5
6
VDD-4
VDD-3
4
VDD-0
1
0
0.25
-1.25
012
INTEGRAL NONLINEARITY vs. DIGITAL
INPUT CODE (FIRST 12 CODES)
-1.00
DIGITAL INPUT CODE (DECIMAL)
8
-0.50
-0.75
-0.25
26
10
0
4
DUAL SUPPLIES
SINGLE SUPPLY
INTEGRAL NONLINEARITY vs. DIGITAL
INPUT CODE (ALL CODES)
0
512 1024 1536 2048 2560 3072 3584 4095
-0.25
0
0.25
DIGITAL INPUT CODE (DECIMAL)
12
0
0
0.8
OUTPUT SINK CAPABILITY vs.
OUTPUT PULL-DOWN VOLTAGE
2
10
OUTPUT PULL-DOWN VOLTAGE (V)
0.6
6
4
0.2
0.4
8
1.0
14
16
__________________________________________Typical Operating Characteristics
(VDD = +5V, VREFIN = 2.048V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com