Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1721 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 4Page - Seiko Instruments Inc S1721 Datasheet HTML 5Page - Seiko Instruments Inc S1721 Datasheet HTML 6Page - Seiko Instruments Inc S1721 Datasheet HTML 7Page - Seiko Instruments Inc S1721 Datasheet HTML 8Page - Seiko Instruments Inc S1721 Datasheet HTML 9Page - Seiko Instruments Inc S1721 Datasheet HTML 10Page - Seiko Instruments Inc S1721 Datasheet HTML 11Page - Seiko Instruments Inc S1721 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1721 Series
Rev.2.0_00
Seiko Instruments Inc.
8
4.
Product name list
4.1
S-1721 series A type
ON/OFF logic :
1ch : Active “H”, 2ch : Active “H”
Pull-up resistor :
1ch : None, 2ch : None
Pull-down resistor :
1ch : Available, 2ch : Available
Table
2 (1 / 2)
Voltage Regulator 1
Output Voltage
Voltage Regulator 2
Output Voltage
SNT-6A
SOT-23-6
1.2 V
±15 mV
1.2 V
±15 mV
S-1721A1212-I6T1x
S-1721A1212-M6T1x
1.2 V
±15 mV
1.5 V
±1.0%
S-1721A1215-I6T1x
S-1721A1215-M6T1x
1.2 V
±15 mV
1.8 V
±1.0%
S-1721A1218-I6T1x
−
1.2 V
±15mV
2.5 V
±1.0%
S-1721A1225-I6T1x
−
1.2 V
±15 mV
2.6 V
±1.0%
S-1721A1226-I6T1x
−
1.2 V
±15 mV
2.8 V
±1.0%
S-1721A1228-I6T1x
S-1721A1228-M6T1x
1.2 V
±15 mV
2.85 V
±1.0%
S-1721A122J-I6T1x
−
1.2 V
±15 mV
3.0 V
±1.0%
S-1721A1230-I6T1x
−
1.2 V
±15 mV
3.3 V
±1.0%
S-1721A1233-I6T1x
S-1721A1233-M6T1x
1.25 V
±15 mV
1.8 V
±1.0%
S-1721A1C18-I6T1x
−
1.3 V
±15 mV
2.8 V
±1.0%
−
S-1721A1328-M6T1x
1.3 V
±15 mV
3.0 V
±1.0%
−
S-1721A1330-M6T1x
1.5 V
±1.0%
1.2 V
±15 mV
S-1721A1512-I6T1x
−
1.5 V
±1.0%
1.3 V
±15 mV
S-1721A1513-I6T1x
−
1.5 V
±1.0%
1.5 V
±1.0%
S-1721A1515-I6T1x
−
1.5 V
±1.0%
1.8 V
±1.0%
S-1721A1518-I6T1x
−
1.5 V
±1.0%
2.5 V
±1.0%
S-1721A1525-I6T1x
−
1.5 V
±1.0%
2.8 V
±1.0%
−
S-1721A1528-M6T1x
1.5 V
±1.0%
2.85 V
±1.0%
S-1721A152J-I6T1x
−
1.5 V
±1.0%
3.0 V
±1.0%
S-1721A1530-I6T1x
S-1721A1530-M6T1x
1.5 V
±1.0%
3.3 V
±1.0%
S-1721A1533-I6T1x
S-1721A1533-M6T1x
1.8 V
±1.0%
1.2 V
±15 mV
S-1721A1812-I6T1x
−
1.8 V
±1.0%
1.5 V
±1.0%
S-1721A1815-I6T1x
−
1.8 V
±1.0%
1.8 V
±1.0%
S-1721A1818-I6T1x
−
1.8 V
±1.0%
2.5 V
±1.0%
S-1721A1825-I6T1x
S-1721A1825-M6T1x
1.8 V
±1.0%
2.6 V
±1.0%
S-1721A1826-I6T1x
−
1.8 V
±1.0%
2.8 V
±1.0%
S-1721A1828-I6T1x
S-1721A1828-M6T1x
1.8 V
±1.0%
2.9 V
±1.0%
S-1721A1829-I6T1x
−
1.8 V
±1.0%
2.85 V
±1.0%
S-1721A182J-I6T1x
−
1.8 V
±1.0%
3.0 V
±1.0%
S-1721A1830-I6T1x
S-1721A1830-M6T1x
1.8 V
±1.0%
3.3 V
±1.0%
S-1721A1833-I6T1x
S-1721A1833-M6T1x
2.0 V
±1.0%
2.0 V
±1.0%
S-1721A2020-I6T1x
S-1721A2020-M6T1x
2.1 V
±1.0%
2.1 V
±1.0%
S-1721A2121-I6T1x
−
2.5 V
±1.0%
1.2 V
±15 mV
S-1721A2512-I6T1x
−
2.5 V
±1.0%
1.5 V
±1.0%
S-1721A2515-I6T1x
−
2.5 V
±1.0%
1.8 V
±1.0%
S-1721A2518-I6T1x
S-1721A2518-M6T1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com