Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1721 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1721 Datasheet HTML 1Page - Seiko Instruments Inc S1721 Datasheet HTML 2Page - Seiko Instruments Inc S1721 Datasheet HTML 3Page - Seiko Instruments Inc S1721 Datasheet HTML 4Page - Seiko Instruments Inc S1721 Datasheet HTML 5Page - Seiko Instruments Inc S1721 Datasheet HTML 6Page - Seiko Instruments Inc S1721 Datasheet HTML 7Page - Seiko Instruments Inc S1721 Datasheet HTML 8Page - Seiko Instruments Inc S1721 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
S-1721 Series
www.sii-ic.com
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2007-2010
Rev.2.0_00
Seiko Instruments Inc.
1
S-1721 Series, developed using the CMOS technology, is a 2-channel positive voltage regulator IC which has the low
dropout voltage, the high-accuracy output voltage and the low output current consumption of 150 mA.
Users are able to use a small ceramic capacitor of 1.0
μF for this IC. This IC includes two regulator circuits in the package
SOT-23-6 or super-small SNT-6A.
S-1721 Series has much lower current consumption than S-1711 Series, this IC is ideal for mobile devices.
Features
• Output voltage:
1.2 V to 5.0 V, selectable in 0.05 V step.
• A ceramic capacitor of 1.0 μF or more can be used as the I/O capacitor.
• Wide input voltage range:
1.7 V to 6.5 V
• High-accuracy output voltage:
±1.0%
• Low dropout voltage:
130 mV typ. (products having the output of 3.0 V, IOUT = 100 mA)
• Low current consumption:
During operation:
25
μA typ., 45 μA max. (products having the output of
3.0 V, per circuit)
During shutdown:
0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 150 mA (at VIN ≥ VOUT(S) + 1.0 V)
*1 (per circuit)
• High ripple rejection:
80 dB typ. (products having the output under 1.8 V, at 1.0 kHz)
• Built-in overcurrent protector:
limits overcurrent of output transistor
• Built-in ON/OFF circuit:
Ensures long battery life.
• Pull-up or pull-down resistor can be selected.
• Lead-free, Sn 100%, halogen-free*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “
Product Name Structure” for details.
Applications
• Power supply for cellular phones
• Power supply for battery-powered devices
Packages
• SNT-6A
• SOT-23-6


Similar Part No. - S1721

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S1721-06 HARWIN-S1721-06 Datasheet
85Kb / 1P
MINI SMT RFI SHIELD CLIP (LOOSE)
S1721-06R HARWIN-S1721-06R Datasheet
64Kb / 1P
MINI SMT RFI SHIELD CLIP (LOOSE)
S1721-46 HARWIN-S1721-46 Datasheet
85Kb / 1P
MINI SMT RFI SHIELD CLIP (LOOSE)
S1721-46R HARWIN-S1721-46R Datasheet
85Kb / 1P
MINI SMT RFI SHIELD CLIP (LOOSE)
More results

Similar Description - S1721

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-1721 SII-S-1721 Datasheet
530Kb / 38P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Rohm
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
Versatile Package FULL CMOS LDO Regulator High ripple rejection
logo
Seiko Instruments Inc
ST111 SII-ST111 Datasheet
406Kb / 23P
HIGH RIPPLE-REJECTION
S1711 SII-S1711 Datasheet
517Kb / 44P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S1323 SII-S1323 Datasheet
534Kb / 28P
HIGH RIPPLE-REJECTION AND SMALL PACKAGE
S-1711 SII-S-1711 Datasheet
2Mb / 44P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
S-13D1 SII-S-13D1 Datasheet
2Mb / 45P
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1721 ABLIC-S-1721 Datasheet
695Kb / 42P
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com