Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S13D1 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 17Page - Seiko Instruments Inc S13D1 Datasheet HTML 18Page - Seiko Instruments Inc S13D1 Datasheet HTML 19Page - Seiko Instruments Inc S13D1 Datasheet HTML 20Page - Seiko Instruments Inc S13D1 Datasheet HTML 21Page - Seiko Instruments Inc S13D1 Datasheet HTML 22Page - Seiko Instruments Inc S13D1 Datasheet HTML 23Page - Seiko Instruments Inc S13D1 Datasheet HTML 24Page - Seiko Instruments Inc S13D1 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-13D1 Series
Seiko Instruments Inc.
21
Moreover, C / F type in the S-13D1 Series, if the ON / OFF1 pin and the ON / OFF2 pin are set to OFF
simultaneously, the discharge shunt on-resistance connected with the VOUT2 pin is reduced in order to make it
easy for VOUT2 pin voltage to fall previously.
Table 12
Product Type
Discharge Shunt ON-resistance (VIN = 5.5 V, VOUT = 0.1 V)
VOUT2 pin of C / F type
12
Ω
VOUT1 pin of C / F type, and B / E type
50
Ω
50
Ω
Discharge
ON / OFF1, ON / OFF2
VOUT1
VOUT2
12
Ω
Discharge
Figure 27 Discharge Shunt Function of S-13D1 Series C / F Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com