Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S13D1 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S13D1
Description  SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13D1 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S13D1 Datasheet HTML 29Page - Seiko Instruments Inc S13D1 Datasheet HTML 30Page - Seiko Instruments Inc S13D1 Datasheet HTML 31Page - Seiko Instruments Inc S13D1 Datasheet HTML 32Page - Seiko Instruments Inc S13D1 Datasheet HTML 33Page - Seiko Instruments Inc S13D1 Datasheet HTML 34Page - Seiko Instruments Inc S13D1 Datasheet HTML 35Page - Seiko Instruments Inc S13D1 Datasheet HTML 36Page - Seiko Instruments Inc S13D1 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT BUILT-IN DELAY FUNCTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
S-13D1 Series
Seiko Instruments Inc.
33
4. 2 S-13D1 Series C / F type (with delay function, when VON / OFF1 and VON / OFF2 are raised simultaneously)
4. 2. 1 VOUT1 = VOUT2 = 1.0 V
(1) VOUT1
(2) VOUT2
VIN = 2.0 V, CIN = CL1 = 0.22
μF, IOUT = 30 mA,
VON / OFF1 = 0 V
→ 2.0 V, tr = 1.0 μs
0
2.4
2.0
1.6
1.2
0.8
0.4
6
4
2
0
−2
−4
−6
−40
240
t [
μs]
200
160
120
80
40
0
VOUT1
VON / OFF1
VIN = 2.0 V, CIN = CL2 = 0.22
μF, IOUT = 30 mA,
VON / OFF2 = 0 V
→ 2.0 V, tr = 1.0 μs
0
2.4
2.0
1.6
1.2
0.8
0.4
6
4
2
0
−2
−4
−6
−40
240
t [
μs]
200
160
120
80
40
0
VOUT2
VON / OFF2
4. 2. 2 VOUT1 = VOUT2 = 2.5 V
(1) VOUT1
(2) VOUT2
VIN = 3.5 V, CIN = CL1 = 0.22
μF, IOUT = 30 mA,
VON / OFF1 = 0 V
→ 3.5 V, tr = 1.0 μs
0
6
5
4
3
2
1
6
4
2
0
−2
−4
−6
−40
240
t [
μs]
200
160
120
80
40
0
VOUT1
VON / OFF1
VIN = 3.5 V, CIN = CL2 = 0.22
μF, IOUT = 30 mA,
VON / OFF2 = 0 V
→ 3.5 V, tr = 1.0 μs
0
6
5
4
3
2
1
6
4
2
0
−2
−4
−6
−40
240
t [
μs]
200
160
120
80
40
0
VOUT2
VON / OFF2
4. 2. 3 VOUT1 = VOUT2 = 3.6 V
(1) VOUT1
(2) VOUT2
VIN = 4.6 V, CIN = CL1 = 0.22
μF, IOUT = 30 mA,
VON / OFF1 = 0 V
→ 4.6 V, tr = 1.0 μs
0
7.2
6.0
4.8
3.6
2.4
1.2
6
4
2
0
−2
−4
−6
−40
240
t [
μs]
200
160
120
80
40
0
VOUT1
VON / OFF1
VIN = 4.6 V, CIN = CL2 = 0.22
μF, IOUT = 30 mA,
VON / OFF2 = 0 V
→ 4.6 V, tr = 1.0 μs
0
7.2
6.0
4.8
3.6
2.4
1.2
6
4
2
0
−2
−4
−6
−40
240
t [
μs]
200
160
120
80
40
0
VOUT2
VON / OFF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com