Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX563CWN Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX563CWN
Description  3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX563CWN Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX563CWN Datasheet HTML 1Page - Maxim Integrated Products MAX563CWN Datasheet HTML 2Page - Maxim Integrated Products MAX563CWN Datasheet HTML 3Page - Maxim Integrated Products MAX563CWN Datasheet HTML 4Page - Maxim Integrated Products MAX563CWN Datasheet HTML 5Page - Maxim Integrated Products MAX563CWN Datasheet HTML 6Page - Maxim Integrated Products MAX563CWN Datasheet HTML 7Page - Maxim Integrated Products MAX563CWN Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX563 is a +3.3V-powered EIA/TIA-562 transceiver
with two transmitters and two receivers. Because it imple-
ments the EIA/TIA-562 standard, the MAX563 communi-
cates with RS-232 transceivers, yet consumes far less
power; this makes it ideal for battery-powered, hand-held
computers. And, the MAX563 guarantees a 116kbps data
rate while maintaining ±3.7V EIA/TIA-562 signal levels,
which makes it compatible with LapLink™ software.
An on-board charge pump converts the +3.3V supply to
the ±6.6V needed to produce the EIA/TIA-562 output volt-
age levels. Four 0.1µF charge-pump capacitors and a
bypass capacitor of similar size are the only external com-
ponents required.
When the MAX563’s charge pumps and transmitters are
shut down to save power, the receivers remain active to
continuously monitor signals from external devices (for
example, ring indicator from modems). The two receivers’
outputs can be enabled and disabled independently of the
shutdown function to allow two ports—generally of different
types—to be wire-OR connected at the UART.
________________________Applications
Handiterminals
Battery-Powered Equipment
Bar-Code Readers
Notebook and Palmtop Computers
____________________________Features
o Guaranteed Interoperability with RS-232
o Operates from a Single +3.0V to +3.6V Supply
o 2 Drivers, 2 Receivers
o Receivers Active in Shutdown Mode
o Low-Power Shutdown: 10µA Max
o Small Package—18-Pin Wide SO
o Three-State TTL/CMOS Receiver Outputs
o 116kbps Guaranteed Data Rate
______________Ordering Information
+3.3V-Powered, EIA/TIA-562 Dual Transceiver
with Receivers Active in Shutdown
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
MAX563
DIP/SO
TOP VIEW
EN
SHDN
__________________Pin Configuration
V+
GND
VCC
+3.3V
C1-
VCC
ALL CAPACITORS 0.1µF
5k
V-
5k
VOLTAGE DOUBLER
VOLTAGE INVERTER
CMOS
INPUTS
CMOS
OUTPUTS
1
10
13
11
12
6
5
4
2
3
7
15
8
14
9
18
RS-562/RS-232
INPUTS
RS-562
OUTPUTS
C1+
C2+
C2-
VCC
C3
R2IN
R1IN
T2OUT
T1OUT
T1IN
T2IN
R1OUT
R2OUT
EN
400k
400k
SHDN
+6.6V
-6.6V
C4
17
C1
C2
ON/OFF
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0198; Rev 0; 10/93
PART
TEMP. RANGE
PIN-PACKAGE
MAX563CPN
0°C to +70°C
18 Plastic DIP
MAX563CWN
0°C to +70°C
18 Wide SO
MAX563C/D
0°C to +70°C
Dice *
™ LapLink is a registered trademark of Traveling Software, Inc.
* Dice are specified at TA = +25°C.


Similar Part No. - MAX563CWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UCB MAXIM-MAX5631UCB Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UCB MAXIM-MAX5631UCB Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UTK MAXIM-MAX5631UTK Datasheet
690Kb / 16P
16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
More results

Similar Description - MAX563CWN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563 INTERSIL-ISL8563 Datasheet
247Kb / 10P
3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
March 2001
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Maxim Integrated Produc...
MAX560 MAXIM-MAX560 Datasheet
340Kb / 8P
3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
Rev 0; 5/92
logo
Linear Technology
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com