Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX563CWN Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX563CWN
Description  3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX563CWN Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX563CWN Datasheet HTML 1Page - Maxim Integrated Products MAX563CWN Datasheet HTML 2Page - Maxim Integrated Products MAX563CWN Datasheet HTML 3Page - Maxim Integrated Products MAX563CWN Datasheet HTML 4Page - Maxim Integrated Products MAX563CWN Datasheet HTML 5Page - Maxim Integrated Products MAX563CWN Datasheet HTML 6Page - Maxim Integrated Products MAX563CWN Datasheet HTML 7Page - Maxim Integrated Products MAX563CWN Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The inputs of unused drivers may be left unconnected
because they have internal 400k
Ω pull-ups to VCC.
Unused inputs may also be connected to GND or VCC,
but VCC provides lower power consumption because of
the internal pull-ups.
EIA/TIA-562 and EIA/TIA-232 Receivers
The MAX563’s receivers convert ±3.7V to ±13.2V
EIA/TIA-562 signal levels into +3V logic levels; they are
rated to receive signals up to ±25V to accommodate
EIA/TIA-232 signals as well. Both receivers invert. Their
inputs are each equipped with an internal 5k
Ω (nomi-
nal) terminating resistor connected to ground, and the
input logic thresholds are 0.4V and 2.4V. The positive
logic-low threshold (VIL) ensures the receiver outputs
remain high whenever their inputs are left open.
The receivers are active when
EN is low, and have
high-impedance outputs when
EN is high.
When
SHDN is high, the receivers have hysteresis.
This produces clean output transitions, even with slow-
moving input signals that exhibit moderate amounts of
noise and ringing. When shut down, the receivers have
no hysteresis, and the propagation delay increases.
Shutdown and Enable Control
The
SHDN and EN controls are independent. Both
receivers are always active when
EN is low. With EN
low and
SHDN high, the receivers operate at full speed
and have hysteresis. When active in shutdown mode
(
EN = SHDN = low), the receivers operate at reduced
power and speed, and without hysteresis.
The charge pumps and transmitters operate only when
SHDN is high; they are unaffected by EN. When shut
down (
SHDN = low) or unpowered (VCC = 0V), the
transmitter outputs are high impedance if they are
backdriven with voltages not exceeding ±15V. The pull-
up resistors at the driver inputs are disconnected in
shutdown mode to save power. During shutdown, V+ is
pulled down to VCC, and V- rises to GND.
_______________________________________________________________________________________
5
+3.3V-Powered, EIA/TIA-562 Dual Transceiver
with Receivers Active in Shutdown
V+
GND
MAX563
0.1µF
VCC
0.1µF
R1 & R2
T1 & T2
0.1µF
C1+
C1-
C2+
C2-
VCC
+3.6V
TOUT
ROUT
400k
5k
ISHDN
0V +3.6V
DRIVE
0.1µF
0.1µF
3k
+3.6V
RIN
TIN
EN
SHDN
V-
+3.6V
V+
OV
V-
tPHLT
OV
INPUT
OUTPUT
tPLHT
+3V
INPUT
OUTPUT
50%
50%
+3V
50%
50%
VCC
GND
tPLHR
tPLHS
tPHLR
tPHLS
0V
Figure 1. Shutdown Current Test Circuit
Figure 2. Transmitter Propagation Delay Timing
Figure 3. Receiver Propagation Delay Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com