Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2113MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2113MPBF
Description  HIGH- AND LOW-SIDE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2113MPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS2113MPBF Datasheet HTML 1Page - International Rectifier IRS2113MPBF Datasheet HTML 2Page - International Rectifier IRS2113MPBF Datasheet HTML 3Page - International Rectifier IRS2113MPBF Datasheet HTML 4Page - International Rectifier IRS2113MPBF Datasheet HTML 5Page - International Rectifier IRS2113MPBF Datasheet HTML 6Page - International Rectifier IRS2113MPBF Datasheet HTML 7Page - International Rectifier IRS2113MPBF Datasheet HTML 8Page - International Rectifier IRS2113MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
IRS2113MPBF
www.irf.com
© 2012 International Rectifier
4
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD ) = 15 V, TA = 25°C and VSS = COM unless otherwise specified. The VIL, VTH and IIN
parameters are referenced to VSS and are applicable to all three logic input leads: HIN, LIN and SD. The
VO, and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD ) = 15 V, CL = 1000 pF, TA = 25°C and VSS = COM unless otherwise specified. The
dynamic electrical characteristics are measured using the test circuit shown in Fig. 3.
Symbol
Definition
Min
Typ Max Units
Test
Conditions
VIH
Logic “1” input voltage
9.5
—
—
VIL
Logic “0” input voltage
—
—
6.0
VOH
High level output voltage, VBIAS - VO
—
—
1.4
IO = 0 A
VOL
Low level output voltage, VO
—
—
0.15
V
IO = 20 mA
ILK
Offset supply leakage current
—
—
50
VB = VS = 600
V
IQBS
Quiescent VBS supply current
—
125 230
IQCC
Quiescent VCC supply current
—
180 340
IQDD
Quiescent VDD supply current
—
15
30
VIN = 0 V or
VDD
IIN+
Logic “1” input bias current
—
20
40
VIN = VDD
IIN-
Logic “0” input bias current
—
—
5.0
A
VIN = 0 V
VBSUV+
VBS supply undervoltage positive going threshold
7.5
8.6
9.7
VBSUV-
VBS supply undervoltage negative going threshold
7.0
8.2
9.4
VCCUV+
VCC supply undervoltage positive going threshold
7.4
8.5
9.6
VCCUV-
VCC supply undervoltage negative going threshold
7.0
8.2
9.4
V
IO+
Output high short circuit pulsed current
2.0
2.5
—
VO = 0 V,
VIN = VDD
PW ≤ 10 us
IO-
Output low short circuit pulsed current
2.0
2.5
—
A
VO = 15 V,
VIN = 0 V
PW ≤ 10 us
Symbol
Definition
Min Typ Max Units
Test
Conditions
ton
Turn-on propagation delay
—
130
200
VS = 0 V
toff
Turn-off propagation delay
—
120
190
tsd
Shutdown propagation delay
—
130
160
VS = 600 V
t r
Turn-on rise time
—
25
35
tf
Turn-off fall time
—
17
25
MT
Delay matching, HS & LS turn on/off
—
—
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com